Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2014 Datasheet(PDF) 33 Page - STMicroelectronics

Part # AN2014
Description  How a designer can make the most of STMicroelectronics serial EEPROMs
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2014 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button AN2014 Datasheet HTML 29Page - STMicroelectronics AN2014 Datasheet HTML 30Page - STMicroelectronics AN2014 Datasheet HTML 31Page - STMicroelectronics AN2014 Datasheet HTML 32Page - STMicroelectronics AN2014 Datasheet HTML 33Page - STMicroelectronics AN2014 Datasheet HTML 34Page - STMicroelectronics AN2014 Datasheet HTML 35Page - STMicroelectronics AN2014 Datasheet HTML 36Page - STMicroelectronics AN2014 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 65 page
background image
DocID10701 Rev 10
33/65
AN2014
Hardware considerations
64
4.3
MICROWIRE® family (M93Cxxx and M93Sxxx devices)
4.3.1
Chip Select (S)
The Chip Select (S) input pin is connected to a CMOS Schmitt trigger input buffer (see
Figure 28: Chip Select, Clock, Data input pins). It is recommended that the master bus
controls the Chip select (S) with a push-pull buffer.
S must never be left floating. It is therefore strongly recommended to add a pull-down
resistor to ensure a low level on the Chip Select input at any time, so that the device
remains deselected, including during periods when the S line is in high impedance, such as
power-up, power-down and the reset phase of the Master.
The input pin leakage is negligible, typically a few nA. The input schematic, including the
protection circuit, does not offer any open path to the VSS or VCC.
Figure 28. Chip Select, Clock, Data input pins
4.3.2
Serial Data (D) and Serial Clock (C)
Serial Data (D) and Serial Clock (C) input pins are connected to a CMOS Schmitt trigger
input buffer (see Figure 28).It is recommended the Master bus controls them with a push-
pull buffer. An external pull-down resistor (RPD) on a Serial Clock (C) signal will prevent from
an “out-of-specification” configuration such as a clock rising edge while Chip Select goes
low when the Master releases the bus (Hi-Z state, violation of the tSLCH timing)). An external
pull-down resistor on Serial Data Input (D) will optimize signal control and standby current.
Pull-down resistor values on Serial Clock (C) and Serial Data (D) are optimized if they are at
least three times bigger than the pull-down value on the Chip Select (S) line. In this case, if
the SPI bus is released, the Chip Select (S) line goes Low faster than the Clock (C) line
goes low, and so, deselects the device before the Clock signal crosses the input buffer
trigger point (area around VCC/2 is always sensitive).
If the Clock (C) line cannot be pulled down and must be pulled up due to other system
constraints, it is recommended to choose a weaker pull-up value (at least three times
weaker) than the pull-down value on Chip Select (S).
The input pin leakage is typically a few nA. The input schematic, including the protection
circuit, does not offer any open path to the VSS or VCC.
Ai11727
S, C, D
ESD/EOS Protection
Glitch Filter
Schmitt trigger



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com