Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2014 Datasheet(PDF) 34 Page - STMicroelectronics

Part # AN2014
Description  How a designer can make the most of STMicroelectronics serial EEPROMs
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2014 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button AN2014 Datasheet HTML 30Page - STMicroelectronics AN2014 Datasheet HTML 31Page - STMicroelectronics AN2014 Datasheet HTML 32Page - STMicroelectronics AN2014 Datasheet HTML 33Page - STMicroelectronics AN2014 Datasheet HTML 34Page - STMicroelectronics AN2014 Datasheet HTML 35Page - STMicroelectronics AN2014 Datasheet HTML 36Page - STMicroelectronics AN2014 Datasheet HTML 37Page - STMicroelectronics AN2014 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 65 page
background image
Hardware considerations
AN2014
34/65
DocID10701 Rev 10
4.3.3
Organization Select (ORG)
ORG is not a CMOS input. If left floating, it is interpreted internally as being High. It is
strongly recommended to connect it directly to the VCC or VSS pin of the device. Driving it
dynamically implies that application software can handle specific MICROWIRE dual
organization and switch from Single data byte management to word data management.
The input pin leakage is negligible, in standby mode, typically a few nA. The input schematic,
including the protection circuit, does not offer any open path to the VSS or VCC. (See
Figure 29)
Figure 29. Organization input ORG
1. The pull-up resistor is only active for a short period of time (right after the device selection) to latch the level
read on the ORG pin when it’s left floating.
4.3.4
Serial Data output (Q)
It is a push-pull tri-state output buffer. As the Serial Data Output is often in the High-
impedance state and connected to a Master input pin, it may be useful to connect a pull-up
resistor to set a default value (corresponding to the Ready state) on the bus and thus
prevent the Master input from toggling. Application designers must be aware that
connecting several devices on Serial Data Output (Q) increases the capacitive load of the
line. Access time of M93C ST EEPROM is tested with 100pF load (see Figure 25: Output
pin tri-state buffer)
4.3.5
Don’t use (DU)
Pin does not contribute to the normal operation of the device. It is reserved for use by
STMicroelectronics during test sequences. The pin may be left unconnected or may be
connected to VCC or VSS. No other connection is allowed. Direct connection of DU to VSS is
recommended for the lowest standby power consumption mode.
Ai11089
ORG pin
ESD/EOS Protection
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com