Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2014 Datasheet(PDF) 15 Page - STMicroelectronics

Part # AN2014
Description  How a designer can make the most of STMicroelectronics serial EEPROMs
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2014 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button AN2014 Datasheet HTML 11Page - STMicroelectronics AN2014 Datasheet HTML 12Page - STMicroelectronics AN2014 Datasheet HTML 13Page - STMicroelectronics AN2014 Datasheet HTML 14Page - STMicroelectronics AN2014 Datasheet HTML 15Page - STMicroelectronics AN2014 Datasheet HTML 16Page - STMicroelectronics AN2014 Datasheet HTML 17Page - STMicroelectronics AN2014 Datasheet HTML 18Page - STMicroelectronics AN2014 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 65 page
background image
DocID10701 Rev 10
15/65
AN2014
EEPROM cell and memory array architecture
64
Consider, by way of example, the stress induced on the array elements when programming
one single byte in a 1Kbit EEPROM, organized as 128 x8 bit. The memory array is
composed of 8 pages (or rows) of 16 bytes (or columns).
Erase cycle: the complete row (page) that contains the addressed byte receives the VPP
signal, on the selected Row-line, as does the complete column, on the selected Cg-line:
•
Control Gates of all the Select transistors in the given row: 1 row x 16 bytes x 8 bits
=128
•
Control Gates of all the Control Gate transistors in the given row: 1 row x 16 bytes = 16
•
Drains of all the Control Gate transistors that are connected to the given Cg-line: 1
column x 8 rows = 8
The Bit-lines of the addressed bytes are floating.
Write cycle: the complete row (page) that contains the addressed byte receives the VPP
signal, on the selected Row-line:
•
Control Gates of all the Select transistors in the given row: 1 row x 16 bytes x 8 bits
=128
•
Control Gates of all the Control Gate transistors in the given row: 1 row x 16 bytes = 16
•
The Cg-line of the addressed byte is held at ground voltage
•
The Bit-lines are left floating or receive VPP depending on data to be written. The worst
case is when FFh is to be written, and all Bit-lines receive the VPP signal
•
Drains of all the Select transistors sharing the same 8 Bit-lines: 1 column x 8 rows x 8
bits = 64
This example shows how one single byte, being erased or programmed, incurs a lot of High
Voltage stress on elements that share the same row, column and bit-line as the one
addressed. For a 1Kbit EEPROM, programming one single byte to FFh induces stress on
128 Select transistors and 24 Control Gate transistors during auto-erase, and 192 Select
transistors and 16 Control Gate transistors during the write cycle, even though only 17
transistors (8 Select transistors, 8 FLOTOX transistors, 1 MOS transistor) were really being
addressed for the data change.
The bigger the memory array, the larger the number of additional transistors that are
involved. This is why when high cycling performance is required, it is recommended to
group N contiguous bytes inside one page and use the write page mode so that the overall
number of write cycles remains to its lowest value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com