Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2014 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN2014
Description  How a designer can make the most of STMicroelectronics serial EEPROMs
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2014 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN2014 Datasheet HTML 25Page - STMicroelectronics AN2014 Datasheet HTML 26Page - STMicroelectronics AN2014 Datasheet HTML 27Page - STMicroelectronics AN2014 Datasheet HTML 28Page - STMicroelectronics AN2014 Datasheet HTML 29Page - STMicroelectronics AN2014 Datasheet HTML 30Page - STMicroelectronics AN2014 Datasheet HTML 31Page - STMicroelectronics AN2014 Datasheet HTML 32Page - STMicroelectronics AN2014 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 65 page
background image
DocID10701 Rev 10
29/65
AN2014
Hardware considerations
64
4.2
SPI family (M95xxx devices)
4.2.1
Chip Select (S)
Chip Select (S) is a CMOS Schmitt trigger input buffer protected from ESD and EOS spikes,
as shown in Figure 23.
Chip Select (S) must never be left floating, and must be constantly held at VCC outside the
communication slots. It is strongly recommended to add a pull-up resistor to ensure a high
level on the Chip Select pin at any time and in particular during power-up, power-down and
during the reset phase of the master, since, during these phases, the master usually leaves
its I/Os in high impedance.
The pull-up resistance should be calculated as a function of the bus capacitive load so that
the voltage on the S pin always remains above VIH = 0.7VCC during power-up.
The input pin leakage is negligible, typically a few nA. The input schematics, including the
protection circuit, does not offer any open path to the VSS or VCC.
Note:
To filter out wrong selections, the M95xxx devices are internally selected only when the
following two conditions are met: S falling edge and S remains low.
Figure 23. Chip Select, Clock, Data, Hold input pins
4.2.2
Write Protect (W)
The Write Protect (W) signal is a CMOS input used to enable or disable Write protection. To
ensure the write protection at Power-up and Power-down, its default state should be low. It
is therefore recommended to add a pull-down resistor on /W (which value must be smaller
than the pull-up resistor on S line), to optimize write protection latency in cases where the
controller releases the SPI bus in high impedance (power-up, power-down and Master reset
phases). In this case the Write Protect (W) line goes low before the Chip select (S) line goes
high (since the time constant of the W pull-down resistor is smaller than the time constant of
the S pull-up resistor, see Section 4.2.6: Recommended SPI EEPROM connections), thus
preventing the potential execution of an ongoing write command.
Note:
For 1 Kbit to 4 Kbit SPI devices, the /W protects the Write to memory and for devices of
density above 8 Kbits, the /W protects the Write in the Status Register.
The input pin leakage is negligible, typically a few nA. The input schematic, including the
protection circuit, does not offer any open path to VSS or VCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com