Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2014 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN2014
Description  How a designer can make the most of STMicroelectronics serial EEPROMs
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2014 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN2014 Datasheet HTML 12Page - STMicroelectronics AN2014 Datasheet HTML 13Page - STMicroelectronics AN2014 Datasheet HTML 14Page - STMicroelectronics AN2014 Datasheet HTML 15Page - STMicroelectronics AN2014 Datasheet HTML 16Page - STMicroelectronics AN2014 Datasheet HTML 17Page - STMicroelectronics AN2014 Datasheet HTML 18Page - STMicroelectronics AN2014 Datasheet HTML 19Page - STMicroelectronics AN2014 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 65 page
background image
Choosing a suitable EEPROM for your application
AN2014
16/65
DocID10701 Rev 10
2
Choosing a suitable EEPROM for your application
ST EEPROM products offer a very high quality level as they are produced with a mature
process and benefit from an efficient testing coverage on each single production part.
Nevertheless, the reliability on EEPROM products is also closely linked to the way they are
controlled in the end application. The aim of the following chapters is to provide a set of
recommendations to significantly improve the reliability and robustness in the end
application.
In the case of automotive applications, ST strongly recommends the use of products that
are classified as automotive grade, that is, devices referenced as MXXxxx-125 (previous
generation) and MXXxxx-A125/A145 (new generation with improved features). These
devices are designed to satisfy the most stringent quality requirements and are tested with
STMicroelectronics’ High Reliability Certified Flow (described in Quality Note, QNEE9801).
2.1
Choosing a memory type suited to the task to be performed
EEPROM devices are particularly suited to the tasks of code traceability and parameter
storage. The Serial protocol offers the best compromise of performance versus cost where
the access time is not critical.
2.2
Choosing an appropriate memory interface
ST is specialized in Serial Access EEPROMs, which are based on three main protocols: I²C,
SPI and MICROWIRE (see Table 1).
Fundamental requirements such as noise immunity, ESD, latchup and cycling Endurance
are basic features of each ST Serial EEPROM device (independent from the protocol used).
The choice of the most appropriate Serial EEPROM depends mainly on the hardware
resources of the master and on the architecture built around it. See the following:
•
The I2C bus offers a 2-wire protocol working at a maximum clock rate of 1 MHz and so
is preferred when the hardware resources are limited and the data rate is not a
constraint at all. The multiple slave configuration requires no extra hardware and is
managed by software.
•
The SPI bus and MICROWIRE bus are 4-wire protocols allowing higher communication
speed (speed is determined by each manufacturer design and technology). The
number of slaves is unlimited but N slaves require N additional master I/Os for each
chip select line. Both SPI and MICROWIRE bus can be reduced to only 3 wires
providing that the D and Q pins are tied together to a bidirectional I/O.
Data Write protection is different for each protocol family and is also a key factor when
selecting the memory interface. I2C products offer only hardware Write protection while SPI
and MICROWIRE products provide both hardware and software protection. Refer to
Section 5.3: Write protection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com