Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2014 Datasheet(PDF) 36 Page - STMicroelectronics

Part # AN2014
Description  How a designer can make the most of STMicroelectronics serial EEPROMs
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2014 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button AN2014 Datasheet HTML 32Page - STMicroelectronics AN2014 Datasheet HTML 33Page - STMicroelectronics AN2014 Datasheet HTML 34Page - STMicroelectronics AN2014 Datasheet HTML 35Page - STMicroelectronics AN2014 Datasheet HTML 36Page - STMicroelectronics AN2014 Datasheet HTML 37Page - STMicroelectronics AN2014 Datasheet HTML 38Page - STMicroelectronics AN2014 Datasheet HTML 39Page - STMicroelectronics AN2014 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 65 page
background image
Hardware considerations
AN2014
36/65
DocID10701 Rev 10
4.4
PCB Layout considerations
The full system layout becomes ever more critical because of space constraints, high
communication speed, noise due to interference and all EMC constraints.
4.4.1
Cross coupling
The cross coupling effect increases with the frequency and fine PCB technology. All floating
signals or pins, weak pull-up or pull-down connections are very sensitive to cross coupling
and antenna-like pick-up. All unused pins should be tied correctly (in general to VCC or VSS).
4.4.2
Noise and disturbances on power supply lines
Noise and disturbances on power supply lines must be filtered out. For a robust design it is
recommended to place local decoupling capacitors. Low inductance capacitors in the range
of 10nF to 100nF are usually preferred.
Electrolytic capacitors in the range of 1 µF to 100 µF can also be placed close to the power
supply source of the system. Avoid Ground and VCC loops on the PCB as it increases the
sensitivity to electromagnetic fields. (See Figure 32: PCB decoupling.)
Figure 32. PCB decoupling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com