Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2014 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN2014
Description  How a designer can make the most of STMicroelectronics serial EEPROMs
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2014 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN2014 Datasheet HTML 23Page - STMicroelectronics AN2014 Datasheet HTML 24Page - STMicroelectronics AN2014 Datasheet HTML 25Page - STMicroelectronics AN2014 Datasheet HTML 26Page - STMicroelectronics AN2014 Datasheet HTML 27Page - STMicroelectronics AN2014 Datasheet HTML 28Page - STMicroelectronics AN2014 Datasheet HTML 29Page - STMicroelectronics AN2014 Datasheet HTML 30Page - STMicroelectronics AN2014 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 65 page
background image
DocID10701 Rev 10
27/65
AN2014
Hardware considerations
64
Figure 20. Write control input (WC)
The /WC pull-up resistor has to be compatible with the master output driving capability, as
detailed in Table 6.
4.1.5
Recommended I2C EEPROM connections
Recommended I²C EEPROM connections are shown in Figure 21 and Figure 22. Note that
for both circuits:
WC pin
ai10916b
T1
T2
RPD
I typ = 2.5µA
at VCC = 5V
VCC
ESD/EOS Protection
Table 6. Connecting WC inputs in I2C products
I²C
1 Kbit to 16 Kbits
32 Kbits and more
WC internal pull-down resistance (RPD)(1)
(devices identified with process letters K or T)
WC internal pull-down resistance (RPD)(1)
(all previous devices)
50 k
Ω
15 k
Ω
50 k
Ω
30 k
Ω
External pull-up (RPU)
Condition:
Therefore:
WC inputs not connected (left floating)
WC is read as “0”
Input leakage Ili
Ili = 0 for Vi = 0V
Ili = Vi/RPD for 0<Vi<VIH
lli < 5µA for Vi > VIH
1. These pull-down values can change within the range authorized in the datasheet without previous notice.
RPD
RPU RPD
+
-----------------------------
0.7
RPU
3RPD
×
7
----------------------
<



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com