Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2014 Datasheet(PDF) 35 Page - STMicroelectronics

Part # AN2014
Description  How a designer can make the most of STMicroelectronics serial EEPROMs
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2014 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button AN2014 Datasheet HTML 31Page - STMicroelectronics AN2014 Datasheet HTML 32Page - STMicroelectronics AN2014 Datasheet HTML 33Page - STMicroelectronics AN2014 Datasheet HTML 34Page - STMicroelectronics AN2014 Datasheet HTML 35Page - STMicroelectronics AN2014 Datasheet HTML 36Page - STMicroelectronics AN2014 Datasheet HTML 37Page - STMicroelectronics AN2014 Datasheet HTML 38Page - STMicroelectronics AN2014 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 65 page
background image
DocID10701 Rev 10
35/65
AN2014
Hardware considerations
64
4.3.6
Recommended MICROWIRE EEPROM connections
Recommended MICROWIRE EEPROM connections are shown in Figure 30 and Figure 31.
Note that for both circuits:
1.
A decoupling capacitor (10 nF min) must be placed as close as possible to the package
pins VCC and VSS.
2.
A 50 Ohm resistor can be connected to VCC if extra filtering on VCC is needed or if an
identified latchup risk is to be minimized.
Figure 30. Recommended MICROWIRE connections - safe design
Figure 31. Recommended MICROWIRE connections - robust design
Table 8. Calculating external pull-up and pull-down resistors in MICROWIRE products
Recommended
connection
EEPROM input pins (S, C, D, W, ORG)
EEPROM output pin Q
RPD
RPD > VIH EE / IOH master
RPD > VIH master / IOH EE
RPU
RPU > (VCC −VIL EE) / IOL master
RPU > (VCC −VIL master) / IOL EE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com