Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2014 Datasheet(PDF) 37 Page - STMicroelectronics

Part # AN2014
Description  How a designer can make the most of STMicroelectronics serial EEPROMs
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2014 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button AN2014 Datasheet HTML 33Page - STMicroelectronics AN2014 Datasheet HTML 34Page - STMicroelectronics AN2014 Datasheet HTML 35Page - STMicroelectronics AN2014 Datasheet HTML 36Page - STMicroelectronics AN2014 Datasheet HTML 37Page - STMicroelectronics AN2014 Datasheet HTML 38Page - STMicroelectronics AN2014 Datasheet HTML 39Page - STMicroelectronics AN2014 Datasheet HTML 40Page - STMicroelectronics AN2014 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 65 page
background image
DocID10701 Rev 10
37/65
AN2014
Software considerations
64
5
Software considerations
The purpose of the suggestions presented below is to help the application designers make
the most of ST’s EEPROM products, and to help to improve the system robustness and
compatibility with future EEPROM devices.
5.1
EEPROM electrical parameters
Low-level drivers (hardware dependent) must follow the EEPROM electrical parameters for
correct communication. EEPROM samples are not absolute references for software
validation as they are not representative of production variations. The EEPROM timings
given in the device datasheets are unique reference characteristics. They correspond to
minimum and maximum timing values to be taken into account for hardware and software
calibration.
Typical errors to be avoided in applications are:
Input voltage levels not compatible with the specifications, VIL<0.3VCC and
VIH > 0.7VCC.
Excessive current requested from EEPROM data output buffer (output CMOS levels
are no more guaranteed).
Write time not completed (tW = 5 ms) before issuing a new command.
Data setup time in applications using high clock rate or very smooth waveforms with
slow transitions (as a general recommendation, signal rise and fall time must be less
than 10% of the clock period).
Out of specification (too short) pulses on the Clock signal, Chip select signal or on
Start/Stop conditions.
The behavior of EEPROM devices operating “out of specification” can never be guaranteed
and is not always predictable. Moreover, major compatibility issues may arise when
switching to a new device version or using a compatible device from another supplier. When
using a double source supplier for EEPROMs, the worst value of each single timing should
be used as a reference for direct compatibility.
5.2
Optimal Write control
EEPROM devices are simple products with few operating modes and instructions. It is
nevertheless worth focusing on the features that can be used to improve performance and
application robustness.
5.2.1
Page mode
The memory array is divided into pages. The size of a page is given on the first page of the
product datasheet (it can be 8, 16, 32, 64, 128 or 256 bytes).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com