| Electronic Components Datasheet Search |
|
AN2014 Datasheet(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2014 Datasheet(HTML) 24 Page - STMicroelectronics |
|
24 / 65 page ![]() Hardware considerations AN2014 24/65 DocID10701 Rev 10 4.1.2 Serial data (SDA) The Serial Data (SDA) input/output is a bidirectional signal. The SDA pin is internally connected to a CMOS Schmitt trigger input buffer and an open drain output transistor (see Figure 17.). The SDA line must be pulled to the VCC of the device through a pull-up resistor (RBUS). The value of the pull-up resistor depends on the capacitive load of SDA line, Master and EEPROM I/O buffer characteristics. See Table 5 for calculation rules. The input pin leakage is negligible (typically a few nA). The input schematic (including protection circuit) does not offer any open path to the VSS or VCC therefore the SDA level can be set before the EEPROM power up and remain high even after Power Down with no risk of leakage or EOS. Table 4. Connecting the Ei inputs of I²C products I²C products 1 Kbits to 16 Kbits 32 Kbits to 128 Kbits 256 Kbits to 2 Mbits Internal E0, E1, E2 pull-down resistance (RPD) typical value (devices identified with the K and T process letters) Internal E0, E1, E2 pull-down resistance (RPD) typical value (all other previous devices) 50 k Ω 30 k Ω 50 k Ω 100 k Ω 50 k Ω 50 k Ω Input leakage Ili of Ei pins Ili = 0 for VEi > VIH Ili = VEi/RPD for 0 < VEi < VIH Recommended connection of Ei pins Direct connection to VCC or VSS Table 5. Calculation rules for pull-up resistor on SDA(1) 1. The smaller RBUS, the faster the clock frequency. The higher RBUS, the lower the operating current, the slower the transitions and the lower the electromagnetic interference. Maximum RBUS RBUS defines the SDA line rise time tR (defined in the M24xxx datasheets), depending on the CBUS parasitic value (2) 2. Refer to the Maximum RBUS value versus bus parasitic capacitance (CBUS) for an I2C bus at maximum frequency figure in the I2C datasheet. Minimum RBUS Maximum value of: {(VCC - VIL EEPROM)/IOL Master or (VCC - VIL Master)/IOL EEPROM} |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |