Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2014 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2014
Description  How a designer can make the most of STMicroelectronics serial EEPROMs
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2014 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2014 Datasheet HTML 10Page - STMicroelectronics AN2014 Datasheet HTML 11Page - STMicroelectronics AN2014 Datasheet HTML 12Page - STMicroelectronics AN2014 Datasheet HTML 13Page - STMicroelectronics AN2014 Datasheet HTML 14Page - STMicroelectronics AN2014 Datasheet HTML 15Page - STMicroelectronics AN2014 Datasheet HTML 16Page - STMicroelectronics AN2014 Datasheet HTML 17Page - STMicroelectronics AN2014 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 65 page
background image
EEPROM cell and memory array architecture
AN2014
14/65
DocID10701 Rev 10
1.2.2
Decoding architecture
To address a single byte in a full array, decoding circuits are necessary. One logical address
is associated with one byte location. The address bits are inserted serially into a Shift
Register. Then, with parallel output, the decoding structures receive all of the bits at the
same time, to perform the decoding and addressing. The row decoder decodes and brings
correct biasing to a single row line. As one or more bytes of the same row can be
programmed at the same time, the column decoder decodes one or more column(s), and a
RAM buffer memorizes the data to write, and enables the right path for Cg-line and Bit-line
biasing.
Figure 11. Decoding block diagram
1.2.3
Intrinsic electrical stress induced by programming
Whatever the data value to be programmed and whether the request is made by byte or
page, all high-voltage circuits(a) are stressed by HiV (a high voltage ranging between 15 and
18V). In particular, the internal nodes of the charge pump can see voltages equal to
HiV + VCC (that is as much as 23 V). All circuits that receive and carry HiV (ramp generator,
regulation, decoding, latches) are submitted to higher stress than active low voltage
transistors. The overall time during which the high voltage circuits are active is relatively
short compared to the product lifetime (10ms x 1Mcycles = 10000 seconds => less than 3
hours).
A standard ST EEPROM device includes a few hundred high voltage transistors, for low
memory density products (1Kbit). This number can rise to a few thousand for high memory
density products (1Mbit).
AI10225
Address Shift Register
Column
Decoder
Bit-line and Cg-line Latches: RAM Buffer
Row
Decoder
Array
Cg-lines and Bit-lines
Row-lines
Read/Write Analog
Voltages
Serial Input
MSB Address Bits
LSB Address Bits
a. The high voltage is required to Erase and program an EEPROM cell.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com