Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2014 Datasheet(PDF) 26 Page - STMicroelectronics

Part # AN2014
Description  How a designer can make the most of STMicroelectronics serial EEPROMs
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2014 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button AN2014 Datasheet HTML 22Page - STMicroelectronics AN2014 Datasheet HTML 23Page - STMicroelectronics AN2014 Datasheet HTML 24Page - STMicroelectronics AN2014 Datasheet HTML 25Page - STMicroelectronics AN2014 Datasheet HTML 26Page - STMicroelectronics AN2014 Datasheet HTML 27Page - STMicroelectronics AN2014 Datasheet HTML 28Page - STMicroelectronics AN2014 Datasheet HTML 29Page - STMicroelectronics AN2014 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 65 page
background image
Hardware considerations
AN2014
26/65
DocID10701 Rev 10
driven by a Master buffer configured as a push-pull (therefore the pull up resistor on SCL
line is not required).
For a safe design, the SCL line must never be left floating (Hi-Z) and must be driven low
when SDA transitions are not under control to avoid undesired START and STOP
conditions. As a consequence, Power up, Power down phases as well as Reset states, can
be secured using a pull-down resistor on the SCL line. This will minimize the chances of a
parasitic STOP/START condition, when the controller releases the I2C bus.
Note:
A STOP condition can be decoded as the trigger of a Write cycle if this STOP condition
appears at the end of a data byte inside a transmitted Write command.
The input pin leakage is negligible (typically a few nA). Input schematic (including a
protection circuit) does not offer any open path to VSS or VCC. Therefore SCL level can be
set before the EEPROM power up and can remain high even after power down with no risk
of high leakage or EOS.
Figure 19. Serial clock input SCL
4.1.4
Write control (WC)
The Write Control (WC) input includes an internal pull-down resistor, in case the application
designer leaves it floating (See Figure 20). If no write protection is necessary, it should be
directly tied to the VSS. The best write protection is obtained by connecting the Write Control
input to a Master output and a pull-up resistor to VCC (see Figure 22), thus allowing a default
write protection also during the critical Power-up, Power Down and Application Reset
phase. Prior to issuing any Write instruction the WC pin should be driven Low and it should
be maintained Low after the STOP condition ending the Write command.
Input pin leakage current depends on input pin voltage. See Table 6.
Ai11725
SCL pad
ESD/EOS Protection
Glitch Filter
Schmitt trigger



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com