Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2014 Datasheet(PDF) 63 Page - STMicroelectronics

Part # AN2014
Description  How a designer can make the most of STMicroelectronics serial EEPROMs
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2014 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button AN2014 Datasheet HTML 57Page - STMicroelectronics AN2014 Datasheet HTML 58Page - STMicroelectronics AN2014 Datasheet HTML 59Page - STMicroelectronics AN2014 Datasheet HTML 60Page - STMicroelectronics AN2014 Datasheet HTML 61Page - STMicroelectronics AN2014 Datasheet HTML 62Page - STMicroelectronics AN2014 Datasheet HTML 63Page - STMicroelectronics AN2014 Datasheet HTML 64Page - STMicroelectronics AN2014 Datasheet HTML 65Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 63 / 65 page
background image
DocID10701 Rev 10
63/65
AN2014
Revision history
64
01-Apr-2011
7
Updated
– Section 4.1.5: Recommended I2C EEPROM connections
– Section 4.2.1: Chip Select (S)
– Section 4.2.2: Write Protect (W)
– Section 4.2.3: Serial Data input (D) and Serial Clock (C)
– Section 4.2.4: Hold (HOLD)
– Section 4.2.6: Recommended SPI EEPROM connections
– Figure 30: Recommended MICROWIRE connections - safe design
– Section 5.5.1: Cycling and data retention qualification procedures
Added Section 5.5.5: Overall number of write cycles
15-Mar-2012
8
Updated Figure 2: MOSFET-like operation.
Updated Section 1.1.2: Writing a new value to the memory cell.
Renamed Figure 8: VPP signal applied to EEPROM cells (HiV is the
output of the charge pump).
Updated Section 1.1.3: Cycling limit of EEPROM cells.
Updated Section 1.2.1: Memory array architecture.
Updated Table 1: Three serial bus protocols.
Updated Section 2.3: Choosing an appropriate supply voltage and
temperature range.
Updated Section 3.1.2: How to prevent ESD? and Section 3.1.3: ST
EEPROM ESD protection.
Updated Section 3.2.1: What are EOS and latchup? and Section 3.2.2:
How to prevent EOS and latchup events, and Section 3.2.3: ST EEPROM
latchup protection.
Section 4.1: I2C family (M24xxx devices): updated Section 4.1.1: Chip
enable (E0, E1, E2) and Figure 16: Chip Enable inputs E0, E1, E2,
Section 4.1.2: Serial data (SDA), Section 4.1.4: Write control (WC),
Table 6: Connecting WC inputs in I2C products, Section 4.1.5:
Recommended I2C EEPROM connections.
Section 4.2: SPI family (M95xxx devices): updated Section 4.2.1: Chip
Select (S), Section 4.2.3: Serial Data input (D) and Serial Clock (C),
Section 4.2.5: Serial Data output (Q), Figure 26: Recommended SPI
connections - safe design and Figure 27: Recommended SPI connections
- robust design.
Section 4.3: MICROWIRE® family (M93Cxxx and M93Sxxx devices):
updated Section 4.3.1: Chip Select (S), Section 4.3.3: Organization
Select (ORG), Figure 30: Recommended MICROWIRE connections -
safe design, and Figure 31: Recommended MICROWIRE connections -
robust design.
Updated Section 5.1: EEPROM electrical parameters, Section 5.2.1:
Page mode.
Updated Section 5.5.1: Cycling and data retention qualification
procedures, Section 5.5.2: Optimal cycling with ECC, Section 5.5.3:
Cycling and temperature dependence, Section 5.5.4: Defining the
application cycling strategy, and Section 5.5.5: Overall number of write
cycles.
Updated Section 6.1: Application reset.
Table 11. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com