Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2014 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN2014
Description  How a designer can make the most of STMicroelectronics serial EEPROMs
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2014 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN2014 Datasheet HTML 18Page - STMicroelectronics AN2014 Datasheet HTML 19Page - STMicroelectronics AN2014 Datasheet HTML 20Page - STMicroelectronics AN2014 Datasheet HTML 21Page - STMicroelectronics AN2014 Datasheet HTML 22Page - STMicroelectronics AN2014 Datasheet HTML 23Page - STMicroelectronics AN2014 Datasheet HTML 24Page - STMicroelectronics AN2014 Datasheet HTML 25Page - STMicroelectronics AN2014 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 65 page
background image
Recommendations to improve EEPROM reliability
AN2014
22/65
DocID10701 Rev 10
3.3.2
Stabilized power supply voltage
The value of the stabilized power supply voltage, including potential variations, must always
stay within the operating VCC range specified in the datasheet, where device operation is
reliable and guaranteed. Application designers deal mostly with transient peak currents and
voltages. Transient peak current generated by EEPROM during read, write and output
buffer transitions induces transient voltage disturb on power supply lines. Therefore, the use
of high-frequency, low-inductance capacitors located as close as possible to the device VCC
and VSS pins are also recommended. Some applications with a limited power supply driving
capability may require a small value resistor (<50
Ω) connected to the EEPROM VCC pin, so
that the peaks of current sunk by the EEPROM during the write cycle (10 mA typical during
a few nanoseconds, with a duty cycle of less than 1/100) are mostly supplied by the
decoupling capacitor and so, induce less disturbance on the voltage supply line of the
application. See Figure 15.
Figure 15. Local EEPROM supply filtering
1. Capacitor should be placed as close as possible to VCCand VSS pins to avoid parasitic inductive effects.
2. Resistor must never be placed between the decoupling capacitor and the VCC pin of the EEPROM.
3.3.3
Absolute maximum ratings
Absolute maximum ratings are not operating values for the device. They provide an
additional security margin for temporary operating deviations. Temporary operation within
this margin will not cause the device to be damaged. However, the normal operation of the
EEPROM is neither guaranteed nor reliable under absolute maximum rating conditions that
are above or below normal operating conditions.
Voltage supply
EEPROM device
Ai11064b
VCC
VSS
10 nF < C < 100 nF
50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com