Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2014 Datasheet(PDF) 41 Page - STMicroelectronics

Part # AN2014
Description  How a designer can make the most of STMicroelectronics serial EEPROMs
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2014 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button AN2014 Datasheet HTML 37Page - STMicroelectronics AN2014 Datasheet HTML 38Page - STMicroelectronics AN2014 Datasheet HTML 39Page - STMicroelectronics AN2014 Datasheet HTML 40Page - STMicroelectronics AN2014 Datasheet HTML 41Page - STMicroelectronics AN2014 Datasheet HTML 42Page - STMicroelectronics AN2014 Datasheet HTML 43Page - STMicroelectronics AN2014 Datasheet HTML 44Page - STMicroelectronics AN2014 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 65 page
background image
DocID10701 Rev 10
41/65
AN2014
Software considerations
64
Figure 35. MICROWIRE data polling algorithm
1. There is no difference in the data polling process if chip is deselected between 2 ready/busy checks.
2. It is strongly recommended not to operate the Clock during the data polling sequence because as soon as
the chip is ready, the logic will start to decode incoming bits.
5.3
Write protection
5.3.1
Software write protection
Use the software write protection features to protect sensitive data items:
I²C products have no software write protection.
In SPI products, 2 non-volatile Status Register bits (BP0, BP1) are dedicated to the
software write protection. The upper quarter, the upper half or the whole memory array
can be set as Read-Only.
In 1 Kbit to 4 Kbit M93Sxxx MICROWIRE products the amount of data to protect is
directly set by a user instruction. The selected area becomes a Read-Only memory.
Data items like trace codes, identification codes, manufacturing configurations, default
parameters and all sensitive data in general, can be software protected against corruption
during field service. Software protection bits are non volatile bits and therefore offer the
same cycling and data retention performances than the EEPROM memory bits.
Ai11081
Write in Progress
Select (S=1)
Deselect (S=0)
Ready/Busy
on Q pin
Q level
Deselect (S=0)
Ready for new command
Low
(1)
High
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com