Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2014 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN2014
Description  How a designer can make the most of STMicroelectronics serial EEPROMs
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2014 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN2014 Datasheet HTML 16Page - STMicroelectronics AN2014 Datasheet HTML 17Page - STMicroelectronics AN2014 Datasheet HTML 18Page - STMicroelectronics AN2014 Datasheet HTML 19Page - STMicroelectronics AN2014 Datasheet HTML 20Page - STMicroelectronics AN2014 Datasheet HTML 21Page - STMicroelectronics AN2014 Datasheet HTML 22Page - STMicroelectronics AN2014 Datasheet HTML 23Page - STMicroelectronics AN2014 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 65 page
background image
Recommendations to improve EEPROM reliability
AN2014
20/65
DocID10701 Rev 10
Figure 12. Latchup mechanism and protection
1. Protection is only recommended if latchup risk is identified.
3.2.3
ST EEPROM latchup protection
During the qualification process, samples from three different lots are tested for voltage
overshoots (positive and negative injections). Figure 13 shows the levels of stress applied to
the tested devices.
Figure 13. Latchup test conditions
1. The device does not latch up within the gray areas.
3.3
Power supply considerations
The power supply also has a major impact on the operating reliability of the EEPROM
device.
Ai11084b
SCR is switched on by an external
stress coming from an I/O pin.
5V
VCC
VSS
Latch up risk minimized
RP<50Ω
RP<1KΩ
SRC
5V
VSS
VCC
I/O
EEPROM
I or V stress
SRC
I/O
High current(often destructive)
Fail
ai10858
Fail
Current Injection
100mA
100mA
Good = Class A
Good = Class A
0.5 x V
CCmax
1.5 x VCCmax
Overvoltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com