Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2014 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN2014
Description  How a designer can make the most of STMicroelectronics serial EEPROMs
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2014 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN2014 Datasheet HTML 13Page - STMicroelectronics AN2014 Datasheet HTML 14Page - STMicroelectronics AN2014 Datasheet HTML 15Page - STMicroelectronics AN2014 Datasheet HTML 16Page - STMicroelectronics AN2014 Datasheet HTML 17Page - STMicroelectronics AN2014 Datasheet HTML 18Page - STMicroelectronics AN2014 Datasheet HTML 19Page - STMicroelectronics AN2014 Datasheet HTML 20Page - STMicroelectronics AN2014 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 65 page
background image
DocID10701 Rev 10
17/65
AN2014
Choosing a suitable EEPROM for your application
64
2.3
Choosing an appropriate supply voltage and temperature
range
These are essential parameters that will define the device reliability when operating in the
application. The VCC values and the temperature values of the application must always stay
within the limits defined in ST datasheets.
Table 1. Three serial bus protocols
I2C
SPI
MICROWIRE®
ST Families
M24Cxx, 1 Kb to 2 Mb
M95xxx, 1 Kb to 2 Mb
M93Cxx, 1 Kb to 16 Kb
M93Sxx, 1 Kb to 4 Kb
Interface
2 wires: Single I/O line, clock
4 wires: data in, data out,
clock & CS
4 wires: data in, data
out, clock & CS
Clock Rate
(max)
Up to 1 Mb/s
Up to 20 Mb/s
Up to 2 Mb/s
Data
Management
Byte
Page: 16 bytes to 256 bytes
Byte
Page: 16 bytes to 256 bytes
Byte or word
Page: 4 words
Specific
Features
Global write control
Up to 8 devices cascadable
on the same bus
Hold mode (input pin)
Write control for 4 blocks
Block write protection
defined by software for
M93Sxxx family



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com