Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2014 Datasheet(PDF) 58 Page - STMicroelectronics

Part # AN2014
Description  How a designer can make the most of STMicroelectronics serial EEPROMs
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2014 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button AN2014 Datasheet HTML 54Page - STMicroelectronics AN2014 Datasheet HTML 55Page - STMicroelectronics AN2014 Datasheet HTML 56Page - STMicroelectronics AN2014 Datasheet HTML 57Page - STMicroelectronics AN2014 Datasheet HTML 58Page - STMicroelectronics AN2014 Datasheet HTML 59Page - STMicroelectronics AN2014 Datasheet HTML 60Page - STMicroelectronics AN2014 Datasheet HTML 61Page - STMicroelectronics AN2014 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 65 page
background image
Power supply loss and application reset
AN2014
58/65
DocID10701 Rev 10
6.3
Robust software and default operating mode
In sensitive applications such as automotive, safety or medical applications, it is not
acceptable for a system to enter a locked state or an endless loop, because of bad
EEPROM communications. In many cases, simple software rules can help to secure
operation of the application.
•
WRITE: It is recommended to add a time-out counter to the Write data polling loop to
prevent the application from being locked if, for some unknown reason, the application
software cannot exit from an endless Write data polling loop. After each write cycle, the
software should always verify that data has been correctly programmed by reading
back the data.
•
READ: When reading data from the EEPROM, the application software should check
whether the data value is within an acceptable range and, if not, switch to a default
value allowing continuity in the application operation.
•
As recommended, data in the EEPROM can be duplicated and associated with a
checksum and an Error Code Correction mechanism. In particular default parameters
can be stored in a protected part of the memory array (Read-Only array, the write-lock
being defined by software) or in another available non-volatile memory. The MCU
should then be able to access an external memory in order to copy the missing
parameters back to the EEPROM.
•
Moreover, it is safer to have a default operating mode that can run with a reduced set of
default parameters.
Refer also to Section 5.3: Write protection and Section 5.4: Data integrity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com