Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2014 Datasheet(PDF) 31 Page - STMicroelectronics

Part # AN2014
Description  How a designer can make the most of STMicroelectronics serial EEPROMs
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2014 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button AN2014 Datasheet HTML 27Page - STMicroelectronics AN2014 Datasheet HTML 28Page - STMicroelectronics AN2014 Datasheet HTML 29Page - STMicroelectronics AN2014 Datasheet HTML 30Page - STMicroelectronics AN2014 Datasheet HTML 31Page - STMicroelectronics AN2014 Datasheet HTML 32Page - STMicroelectronics AN2014 Datasheet HTML 33Page - STMicroelectronics AN2014 Datasheet HTML 34Page - STMicroelectronics AN2014 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 65 page
background image
DocID10701 Rev 10
31/65
AN2014
Hardware considerations
64
4.2.5
Serial Data output (Q)
The Serial Data Output (Q) is a push-pull tri-state output buffer. The Serial Data Output
being often in the high impedance state (e.g. during a Write) and connected to a master
input pin, it may be useful to connect it to a pull-up (or pull-down) resistor to set a default
value on the bus and thus prevent the master input from toggling (see Figure 23: Chip
Select, Clock, Data, Hold input pins). Application designers must be aware that connecting
several devices on the Serial Data Output (Q) increases capacitive load of the line. The
access time of the device is tested with a 100 pF or 30 pF capacitive load, depending on the
clock frequency (refer to the M95xxx device datasheet for the values of the capacitive load
and clock frequency).
Figure 25. Output pin tri-state buffer
Note:
The push-pull upper transistor (NMOS transistor connected to VCC) offers a parasitic
reverse diode to VCC, therefore the voltage applied on Q must never be higher than VCC.
4.2.6
Recommended SPI EEPROM connections
Recommended SPI EEPROM connections are shown in Figure 26 and Figure 27. Note that
for both circuits:
1.
The decoupling capacitor (10 nF min) must be placed as close as possible to the
package pins VCC and VSS.
2.
S input is pulled high with RPU and C input is pulled low with RPD. In doing so, if the SPI
master bus leaves S and C in high impedance, the SPI EEPROM is deselected and it is
ensured that clock C remains low or falls low (unlike a case where S and C could rise
together, that is tCHSH=0, out of a specification event).
3.
If unused, the Hold and W pins must be directly connected to VCC, as a CMOS input
must never be left floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com