Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2014 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2014
Description  How a designer can make the most of STMicroelectronics serial EEPROMs
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2014 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2014 Datasheet HTML 7Page - STMicroelectronics AN2014 Datasheet HTML 8Page - STMicroelectronics AN2014 Datasheet HTML 9Page - STMicroelectronics AN2014 Datasheet HTML 10Page - STMicroelectronics AN2014 Datasheet HTML 11Page - STMicroelectronics AN2014 Datasheet HTML 12Page - STMicroelectronics AN2014 Datasheet HTML 13Page - STMicroelectronics AN2014 Datasheet HTML 14Page - STMicroelectronics AN2014 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 65 page
background image
DocID10701 Rev 10
11/65
AN2014
EEPROM cell and memory array architecture
64
As EEPROM devices use a single supply voltage, the high voltage must be generated and
managed internally. A set of analog circuits is available to generate and control the high
voltage from the single external power supply:
voltage and current references to control oscillators and timings.
a regulated charge pump that generates a stable 15 to 18V voltage, HiV, from the
single external power supply.
a ramp generator that, from the stable HiV voltage, makes the specific waveform
(shown in Figure 8) that is to be applied to the cells.
VPP is the high voltage that is directly applied to the FLOTOX cell, as described earlier. The
precise shape of the VPP voltage waveform is critical, and has a direct effect on the reliability
and endurance of the memory cells. The slope, plate time and maximum level are
parameters that are very carefully controlled.
Writing new data in an EEPROM array triggers an auto-erase of all the addressed bytes,
resets them all to the Erased state, and then selectively programs those bits that should be
set to the Written state.
Figure 8. VPP signal applied to EEPROM cells
(HiV is the output of the charge pump)
To summarize: Binary information is coded by means of a FLOTOX transistor. The floating
gate is a reservoir filled with negative electric charges that modify its electrical
characteristics. The electric charges can be made to migrate into or out of the reservoir by
applying a high voltage to a thin Tunnel Oxide. The binary information is read by comparing
the cell (FLOTOX transistor) current to a reference.
AI10235
VPP
5ms
t(ms)
HiV
18V
Auto-Erase
Program
Write Cycle = Auto-Erase + Program



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com