Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9662 Datasheet(PDF) 52 Page - STMicroelectronics

Part # L9662
Description  Octal squib driver and quad Manchester/PSI5 encoded sensor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9662 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button L9662 Datasheet HTML 48Page - STMicroelectronics L9662 Datasheet HTML 49Page - STMicroelectronics L9662 Datasheet HTML 50Page - STMicroelectronics L9662 Datasheet HTML 51Page - STMicroelectronics L9662 Datasheet HTML 52Page - STMicroelectronics L9662 Datasheet HTML 53Page - STMicroelectronics L9662 Datasheet HTML 54Page - STMicroelectronics L9662 Datasheet HTML 55Page - STMicroelectronics L9662 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 80 page
background image
Functional description
L9662
52/80
DocID028325 Rev 1
Bits [D9:D7].
Used when sending the MOSI command to select the channel to be
measured. The MISO response shall echo the MOSI command.
Bits [D6:D0].
Current measurement data of selected squib channel. Bit weight is
nominally 25 μs for a total measurement time 3.175 ms.
Monitor mode 3
Monitor mode main information:
Status of FENx Function - FENx pin OR’d with Internal FENx latch
Status of current for each channel
The SPI message definition for MOSI commands and MISO responses in Monitor Mode 3
are defined below.
Table 29. MOSI monitor mode 2 Bit definition
Bit
MOSI command
MISO response
State
Description
D15
1
Mode Bits
See above for state
D14
1
See above for state
D13
Odd Parity – Includes all 16 bits
Odd Parity – Includes all 16 bits
D12
0
Keep timer measurements
See above for state
1
Clear “current measurement time” stored
on the
register of channel selected by D9:D7
See above for state
D11
0
Monitor Mode selection bits
See above for state
D10
1
Monitor Mode selection bits
See above for state
D9
Channel selected for current
measurement
See Table 30
Internal Stored channel selections bits
D8
D7
D6:D0
0
-
Current measurement of selected
channel
Table 30. Current measurement channel selections
Channel
Bit D9
Bit D08
Bit D07
0
0
0
0
1
0
0
1
2
0
1
0
3
0
1
1
4
1
0
0
5
1
0
1
6
1
1
0
7
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com