Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9662 Datasheet(PDF) 33 Page - STMicroelectronics

Part # L9662
Description  Octal squib driver and quad Manchester/PSI5 encoded sensor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9662 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button L9662 Datasheet HTML 29Page - STMicroelectronics L9662 Datasheet HTML 30Page - STMicroelectronics L9662 Datasheet HTML 31Page - STMicroelectronics L9662 Datasheet HTML 32Page - STMicroelectronics L9662 Datasheet HTML 33Page - STMicroelectronics L9662 Datasheet HTML 34Page - STMicroelectronics L9662 Datasheet HTML 35Page - STMicroelectronics L9662 Datasheet HTML 36Page - STMicroelectronics L9662 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 80 page
background image
DocID028325 Rev 1
33/80
L9662
Functional description
79
Note:
SPI MISO sent in the next SPI transmission.
The device can only deploy a channel when the FEN function is active. Once the drivers are
active the device shall keep the drivers on for the required duration regardless of the FEN
state. Once completed, a status bit will be set to indicate firing is complete.
3.4.2
Firing current measurement
All channels have a 7 bit current measurement register that is used to measure the amount
of time the current is above IMEAS during firing. The maximum measurement for each
channel is 3.175 ms nominal based on a bit weight of 25 ms. The current measurement
register shall not increment outside the deployment time. The current measurement will
begin incrementing once the current has exceeded 95% of the nominal target value. The
count will continue to increment from the stored value until either a clear command has
been issued for that channel or all ‘1’s are present in the corresponding channel
measurement register. If all ‘1’s are present for a channel’s measurement register and
another firing sequence has been issued the register shall remain all ‘1’s. Only if a clear
command has been issued will that particular register be reset to all ‘0’s. All other channels
shall keep the stored measurement count. During firing the current measurement register
cannot be cleared. After a clear command has been issued for a channel then the channel is
ready to count if the current exceeds the specified level. After a POR or software reset the
device shall reset all 8 measurement registers to all ‘0’s.
A “real-time” current measurement status of all the channels is available. If a current limit
status request is sent then the device shall report in the next SPI transfer whether the
current is above or below IMEAS for each of the channels. The current status results can be
read at any time and shall correctly report whether current is flowing. The content of the
internal current status register is captured on the falling edge of chip select during the SPI
response. The internal status register is updated at a nominal sample time of 25 μs and is
independent of SPI transfers.
For this circuit there is continuously being performed compensation of the comparator to
remove offset errors, which is independent from SPI commands. Compensation is
performed every 12.8 μs based on the internal clock.
3.4.3
Fire enable (FEN) function description
The Fire Enable (FEN) function is the result of the FENx input OR’d with the internal FEN
latch. If the FEN latch is not enabled and the FENx pin is low then activation of the FET
drivers are disabled except as indicated during the MOS test. All internal diagnostic
Table 11. SPI1 MOSI/MISO response
SPI1 MOSI
SPI1 MISO
Response
Configuration
Commands
SPI fault response
MOSI register mode messages shall be ignored
Deployment Commands Command mode
Execute for channels not in deployment; no effect
to deploying channel
Diagnostic Commands
SPI fault response
MOSI diagnostic mode messages shall be
ignored
Monitor Commands
Status response
Execute for all channels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com