Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9662 Datasheet(PDF) 20 Page - STMicroelectronics

Part # L9662
Description  Octal squib driver and quad Manchester/PSI5 encoded sensor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9662 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L9662 Datasheet HTML 16Page - STMicroelectronics L9662 Datasheet HTML 17Page - STMicroelectronics L9662 Datasheet HTML 18Page - STMicroelectronics L9662 Datasheet HTML 19Page - STMicroelectronics L9662 Datasheet HTML 20Page - STMicroelectronics L9662 Datasheet HTML 21Page - STMicroelectronics L9662 Datasheet HTML 22Page - STMicroelectronics L9662 Datasheet HTML 23Page - STMicroelectronics L9662 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 80 page
background image
Electrical specifications
L9662
20/80
DocID028325 Rev 1
IICHxVSYNC_LK
OFF
VSYNC leakage
current per channel
VSYNC = 25 V
Vcc = VSATS = 0 V
measured @ VSYNC
-
-
-1
mA
IOUTLEAK
Output Leakage
Current ICHX
VSATS = 18 V measured @ pin
under test
VSYNC = 25 V
Analog interface OFF
--
1
μA
Vhdp
High side voltage drop
(VSATS-VICHX) Per
Channel
I = -150 mA; VSATS = 7 V to 14V
guaranteed by design
-
-
3.0
V
I = -70 mA; VSATS = 7 V to 14 V
-
-
1.5
V
I = -50 mA; VSATS = 7 V to 14 V
-
-
1.0
V
I = -25 mA; VSATS = 7 V to 14 V
-
-
0.5
V
IFr
IF/Iout CH3 & CH4
Iout = -5 0 mA
460
-
540
μA
Iout = -5 mA
46
-
54
μA
Itr
Low to high transition
current threshold
SPI channel configuration bit
<2:0>=111
35.10
-
42.90
mA
bit <2:0>=110
28.80
-
34.20
mA
bit <2:0>=101
24.85
-
29.15
mA
bit <2:0>=100
20.25
-
24.75
mA
bit <2:0>=011
17.10
-
20.90
mA
bit <2:0>=010
14.85
-
18.15
mA
bit <2:0>=001
8.0
-
11.0
mA
bit <2:0>=000
1.0
-
4.0
mA
VCLAMP
IF/Vx CH3 & CH4 clamp
voltage
Rext = 33.0k, 1%;
CHx is shorted to GND
0.95*
Vdd
-
1.05*
Vdd
V
Ihyst
Current Threshold
hysteresis
Sink current = Ithr at the output
(ICHX).
Ihyst = trip point high – trip point
low
0.05*Itr
-
0.15*Itr
mA
Mdf
De-glitch filter as a
function of protocol speed
Manchester Protocol Excluding
Osc tolerance; bit<8:7>= 00,
01, 10, 11. bit Time = the
smallest bit time allowed in the
selected range.
11.7%
*bit-
Time
-
23.5%
*bit-
Time
μs
Table 8. Satellite interface - DC electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com