Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9662 Datasheet(PDF) 24 Page - STMicroelectronics

Part # L9662
Description  Octal squib driver and quad Manchester/PSI5 encoded sensor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9662 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L9662 Datasheet HTML 20Page - STMicroelectronics L9662 Datasheet HTML 21Page - STMicroelectronics L9662 Datasheet HTML 22Page - STMicroelectronics L9662 Datasheet HTML 23Page - STMicroelectronics L9662 Datasheet HTML 24Page - STMicroelectronics L9662 Datasheet HTML 25Page - STMicroelectronics L9662 Datasheet HTML 26Page - STMicroelectronics L9662 Datasheet HTML 27Page - STMicroelectronics L9662 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 80 page
background image
Electrical specifications
L9662
24/80
DocID028325 Rev 1
2.4.4
SPI timing
All SPI timing is performed with a 150 pF load on MISO unless otherwise noted
4.9V
 VDD  5.1V; 7V  VRESX  37V; 7V  VSDIAG  37V; (VSATS + 6V)  VSYNC  25V; 5V
 VSATS  14V; FEN1 = FEN2 = FEN3 = FEN4 = VDD; R_REF = 10K, ±1%, 100PPM; -
40°C
 TA  +95°C; unless other specified.
.
Table 9. SPI timing - DC electrical characteristics
No.
Symbol
Parameter
Min.
Typ.
Max.
Unit
-
fop
Transfer frequency
dc
-
5.50
MHz
1
tSCK
SCLK, SCLK_S period
181
-
-
ns
2
tLEAD
Enable lead time
65
-
-
ns
3
tLAG
Enable lag time
50
-
-
ns
4
tSCLKHS
SCLK, SCLK_S high time
65
-
-
ns
5
tSCLKLS
SCLK, SCLK_S low time
65
-
-
ns
6
tSUS
MOSI, MOSI_S input setup time
20
-
-
ns
7
tHS
MOSI, MOSI_S input hold time
20
-
-
ns
8
tA
MISO, MISO_S access time
-
-
60
ns
9
tDIS (1)
MISO, MISO_S disable time
-
-
100
ns
10
tVS
MISO, MISO_S output valid time
-
-
60
ns
11
tHO (1)
MISO, MISO_S output hold time
0
-
-
ns
12
tRO
Rise Time (design information)
-
-
30
ns
13
tFO
Fall Time (design information)
-
-
30
ns
14
tCSN
CS_D, CS_S negated time
640
-
-
ns
15
tCLKN
Time between CS rising edge and first transition
of SCLK must be higher than tCLKN. It happens
when multiple L9662 are connected to the same
SCLK and MOSI but with different chip select.
500
-
-
ns
1. Parameters tDIS and tHO shall be measured with no additional capacitive load beyond the normal test fixture capacitance
on the MISO pin. Additional capacitance during the disable time test erroneously extends the measured output disable
time, and minimum capacitance on MISO is the worst case for output hold time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com