Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9662 Datasheet(PDF) 39 Page - STMicroelectronics

Part # L9662
Description  Octal squib driver and quad Manchester/PSI5 encoded sensor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9662 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button L9662 Datasheet HTML 35Page - STMicroelectronics L9662 Datasheet HTML 36Page - STMicroelectronics L9662 Datasheet HTML 37Page - STMicroelectronics L9662 Datasheet HTML 38Page - STMicroelectronics L9662 Datasheet HTML 39Page - STMicroelectronics L9662 Datasheet HTML 40Page - STMicroelectronics L9662 Datasheet HTML 41Page - STMicroelectronics L9662 Datasheet HTML 42Page - STMicroelectronics L9662 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 80 page
background image
DocID028325 Rev 1
39/80
L9662
Functional description
79
3.4.5
SPI register definition for squib functions
The SPI provides access to read/write to the registers internal to the device. All commands
and responses sent to/from the ASIC on SPI1 shall use set D13 as required for odd parity
on the 16 bit word. The responses to the commands are sent in the next valid CS_D.
The table below summarizes the MISO register mode response of various events and MOSI
messages. After POR event, RESETB negated, and loss of GND, the device sends 0x0000
in MISO for the first SPI transmission.
The MISO response shown here is the one received in the next valid SPI transmission after
each event or MOSI write.
Note:
X in software reset response should be interpreted as follows: D11=1;D10=0;D9:D8=CL bits
The SPI fault responses (0xD000 or 0xD003) indicate a fault in the last MOSI transmission.
The device uses the parity bit to determine the integrity of the MOSI command transmission.
Squib SPI commands
The following modes are supported by the squib ASIC using SPI1.
Configuration mode
Deployment mode
Diagnostic mode
Monitor mode
The table below is a summary of the modes and the functions that are achieved by sending
the particular MOSI command. The following sections will provide a full description of bit
settings for each mode. All commands and responses use D13 to achieve odd parity.
Table 15. MISO responses to various events
Event/MOSI message
MISO response
MOSI Parity error or message error during a deployment
0xD000
MOSI transmission - Incorrect number of clocks/bits
0xD003
Incorrect firing sequence received (Firing Command without
a valid Arm Command)
0xD005
Error due to message not allowed during deployment
0xD009
POR
0x0000
RESETB
0x0000
LOSS OF GND
0x0000
RIREF out of range
0x0000
MOSI Write Soft Reset: $AA
0x1X02
MOSI Write Soft Reset: $55 (after $AA)
0x2003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com