Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9662 Datasheet(PDF) 74 Page - STMicroelectronics

Part # L9662
Description  Octal squib driver and quad Manchester/PSI5 encoded sensor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9662 Datasheet(HTML) 74 Page - STMicroelectronics

Back Button L9662 Datasheet HTML 70Page - STMicroelectronics L9662 Datasheet HTML 71Page - STMicroelectronics L9662 Datasheet HTML 72Page - STMicroelectronics L9662 Datasheet HTML 73Page - STMicroelectronics L9662 Datasheet HTML 74Page - STMicroelectronics L9662 Datasheet HTML 75Page - STMicroelectronics L9662 Datasheet HTML 76Page - STMicroelectronics L9662 Datasheet HTML 77Page - STMicroelectronics L9662 Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 80 page
background image
Functional description
L9662
74/80
DocID028325 Rev 1
Status registers (SR)
The definition for the Status Register is valid for all four protocols.
The SR will always be the 1st word in the message of the MOSI frame
The message faults and data/channel information are indicated using 3 bits per channel
(SF2, SF1 and SF0). These bits represent the actual highest priority state of the ICHx-
receiver, i.e. any change in a state will overwrite the previous value with the highest priority
fault being reported if more than one fault exists.
The following describes the bit usage
Bit [D15]
If during the previous received request a SPI communication error
occurred or invalid message was received, the device shall set bit D15
and this means that the whole data frame of 80 bit is not valid.
Bits [D13:D02]
Fault Codes Definition Supporting Satellite Interface, Hall Effect, and
raw data modes
0
1
1
17.10/20.90
1
0
0
20.25/24.75
1
0
1
24.85/29.15
1
1
0
28.80/34.20
1
1
1
35.10/42.90
Table 45. Current range supported
D2
D1
D0
Current Threshold (mA)
min/max
Command/
Mode from
Master
MOSI Bit Definition
D15 D14 D13 D12 D11 D10 D09
D08
D07
D06
D05
D04
D03
D02
D01
D00
MOSI Command
0
1
0
0
0
0
0
0
0000
0
0
0
odd
MISO Response
SR
SPI
ERR
1
CH4
SF2
CH4
SF1
CH4
SF0
CH3
SF2
CH3
SF1
CH3
SF0
CH2S
SF2
CH2S
SF1
CH2S
SF0
CH1S
SF2
CH1
SF1
CH1
SF0
POR
STAT
odd
Table 46. CCR D14 definition
Priority
CHxSF2
CHxSF1
CHxSF0
Description
CCR D14=0
7
0
0
0
Good Data from satellite on word ‘x’
6
0
0
1
Two or more good data received from satellite, i.e.
there are some data lost.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com