Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9662 Datasheet(PDF) 17 Page - STMicroelectronics

Part # L9662
Description  Octal squib driver and quad Manchester/PSI5 encoded sensor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9662 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L9662 Datasheet HTML 13Page - STMicroelectronics L9662 Datasheet HTML 14Page - STMicroelectronics L9662 Datasheet HTML 15Page - STMicroelectronics L9662 Datasheet HTML 16Page - STMicroelectronics L9662 Datasheet HTML 17Page - STMicroelectronics L9662 Datasheet HTML 18Page - STMicroelectronics L9662 Datasheet HTML 19Page - STMicroelectronics L9662 Datasheet HTML 20Page - STMicroelectronics L9662 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 80 page
background image
DocID028325 Rev 1
17/80
L9662
Electrical specifications
79
tisrcshtdwn
Time after voltage threshold
crossed for squib pin to
shutdown
IISRC
Guaranteed by design
-
-
30
μs
VLSDrsqb
Voltage threshold on squib
pin to shutdown ISRC
-
0.8
-
2.2
V
tR_WAIT
Rmeas wait time 6
Wait time before AOUT
voltage is stable for ADC
reading
-
-
300
μs
FENx Input pins
tFENfilter
Minimum pulse width
-
12
-
16
μs
IFENPD
Internal pull-down current
VIN = VIL to VDD
20
-
50
μA
VFENLO
Input low voltage threshold
-
0.8
-
V
VFENHI
Input high voltage threshold
-
-
-
2.0
V
TFENLATCH FEN Latch timer
-
0
-
512
ms
tFLACC
FEN latch timer
accuracy
-
- 20%
-
20
%
Deployment drivers
TRESOLUTION Diagnostic timing / resolution Guaranteed by design,
IHS ≥ IMEAS,
0s ≤ TMEASURE_TIME ≤ 3.7 ms
CSQUIB _HI = 0.12 μF
CSQUIB _LO = 0.12 μF
22.5
25
27.5
μs
TACCURACY
Diagnostic timing
accuracy
-
-
2
LSB
IMEAS
High side driver current limit
detect threshold
Guaranteed by design
IHSX x
0.90
-
IHSX x
0.99
A
Vbreakdown
HS or LS breakdown
voltage
Voltage across driver = 40 V
-
-
50
μA
RDSonTOTAL
Total high and low side MOS
on resistance
High side MOS +
low side MOS D9:D8=”11”;
VRES = 7 V; I = 1.6A @95 °C
-
-
2.0
Ω
RDSonHS
High side MOS on resistance D9:D8=”11”; VRES = 7 V;
IVRES = 1.6 A;
-
0.3
0.8
Ω
RDSonLS
Low side MOS on resistance
-
0.6
1.2
Ω
Table 7. Squib deployment drivers and diagnostics - DC electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com