Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9662 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L9662
Description  Octal squib driver and quad Manchester/PSI5 encoded sensor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9662 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L9662 Datasheet HTML 7Page - STMicroelectronics L9662 Datasheet HTML 8Page - STMicroelectronics L9662 Datasheet HTML 9Page - STMicroelectronics L9662 Datasheet HTML 10Page - STMicroelectronics L9662 Datasheet HTML 11Page - STMicroelectronics L9662 Datasheet HTML 12Page - STMicroelectronics L9662 Datasheet HTML 13Page - STMicroelectronics L9662 Datasheet HTML 14Page - STMicroelectronics L9662 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 80 page
background image
DocID028325 Rev 1
11/80
L9662
Electrical specifications
79
2.2
Absolute maximum degraded operating ratings
Under the following deviations to the ratings indicated in Section 2.3 the device performance
will be degraded and not meet the electrical characteristics outlined in Section 2.4. At
minimum the SPI and diagnostics will function but not meet specified electrical parameters.
Note:
The above is provided for informational purposes only and will result in degraded operation.
Under the above conditions the SPI will be functional as well as diagnostics, though the
electrical performance may not conform to the parameters outlined in Section 2.4. Firing
requirements as indicated in Section 2.4 may not be met with the conditions above.
AGND
Analog output reference
-0.3 to 6.0
V
GND
Ground (GND, GND0, GND1, GND2, GND3, GND4, GND5,
GND6, GND7)
-0.3 to 6.0
V
Tj
Maximum steady-state junction temperature
150
°C
Tamb
Ambient temperature
-40 to 95
°C
Tstg
Storage temperature
-65 to 150
°C
Rth j amb
Thermal resistance junction-to-ambient
46
°C/W
Table 3. Absolute maximum ratings
Symbol
Parameter
Value
Unit
Table 4. Absolute maximum degraded operating ratings
Symbol
Parameter
Value
Unit
VDD
Supply voltage
4.5 to 5.5
V
VSDIAG
Supply voltage for squib diagnostics
7 to 40
V
VSATS
Satellite supply voltage
7 to 14
V
VSYNC
Sync supply voltage
(VSATS+ 5.5 V) to 40
V
VRES
VRES voltage (VRES0, VRES1, VRES2, VRES3, VRES4,
VRES5, VRES6, VRES7)
7 to 40
V
VI
Discrete input voltage (RESETB, DEPEN, CS_D, CS_S,
SCLK, SCLK_S, MOSI, MOSI_S, MISO, MISO_S, FEN1,
FEN2, FEN3, FEN4, INITSYNC)
- 0.3 to (VDD +0.3)
V
Tj
Junction temperature
-40 to 150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com