Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9662 Datasheet(PDF) 43 Page - STMicroelectronics

Part # L9662
Description  Octal squib driver and quad Manchester/PSI5 encoded sensor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9662 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button L9662 Datasheet HTML 39Page - STMicroelectronics L9662 Datasheet HTML 40Page - STMicroelectronics L9662 Datasheet HTML 41Page - STMicroelectronics L9662 Datasheet HTML 42Page - STMicroelectronics L9662 Datasheet HTML 43Page - STMicroelectronics L9662 Datasheet HTML 44Page - STMicroelectronics L9662 Datasheet HTML 45Page - STMicroelectronics L9662 Datasheet HTML 46Page - STMicroelectronics L9662 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 80 page
background image
DocID028325 Rev 1
43/80
L9662
Functional description
79
The SPI message definition for MOSI commands and MISO responses in Deployment
Mode are defined below.
MSB
LSB
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
MOSI Command for Deployment Mode 1
0
1
P
1
1
0
0
1
Arming Channel Select
MISO Response for Deployment Mode 1
0
1
P
1
1
0
0
1
Armed Channels
MOSI Command for Deployment Mode 2
0
1
P
0
0
0
0
0
Firing Channel Select
MISO Response for Deployment Mode 2
0
1
P
0
0
0
0
0
Channels activated or channels waiting for FEN input
Table 19. Deployment mode 1 bit definition
Bit
MOSI command
MISO response
State
Description
D15
0
Mode bits
See above
D14
1
See above
D13
Odd Parity – Includes all 16 bits
Odd Parity – Includes all 16 bits
D12 – D8
Arm pattern
See above
D7
0
Channel 7 Idle (default)
Internal Deploy Status
1
Arm Channel 7
D6
0
Channel 6 Idle (default)
Internal Deploy Status
1
Arm Channel 6
D5
0
Channel 5 Idle (default)
Internal Deploy Status
1
Arm Channel 7
D4
0
Channel 4 Idle (default)
Internal Deploy Status
1
Arm Channel 4
D3
0
Channel 3 Idle (default)
Internal Deploy Status
1
Arm Channel 3
D2
0
Channel 2 Idle (default)
Internal Deploy Status
1
Arm Channel 2
D1
0
Channel 1 Idle (default)
Internal Deploy Status
1
Arm Channel 1
D0
0
Channel 0 Idle (default)
Internal Deploy Status
1
Arm Channel 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com