Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9662 Datasheet(PDF) 64 Page - STMicroelectronics

Part # L9662
Description  Octal squib driver and quad Manchester/PSI5 encoded sensor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9662 Datasheet(HTML) 64 Page - STMicroelectronics

Back Button L9662 Datasheet HTML 60Page - STMicroelectronics L9662 Datasheet HTML 61Page - STMicroelectronics L9662 Datasheet HTML 62Page - STMicroelectronics L9662 Datasheet HTML 63Page - STMicroelectronics L9662 Datasheet HTML 64Page - STMicroelectronics L9662 Datasheet HTML 65Page - STMicroelectronics L9662 Datasheet HTML 66Page - STMicroelectronics L9662 Datasheet HTML 67Page - STMicroelectronics L9662 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 80 page
background image
Functional description
L9662
64/80
DocID028325 Rev 1
IFx/Vx output configuration
The IFx/Vx pins are high impedance by writing to D7 and D6 of the MCR and setting the bits
to 0. When the pins are enabled and if the pin is shorted to ground then the device can
source up to 100mA from VDD.
Analog output
Channels 2 and 3 of the device can by used to provide an analog feed back current as a
1/100th ratio of the sense current in this mode internal data register and decoder are
bypassed. This will allow the IF2/V2 and IF3/V3 pins to be connected to a resistor to ground
and provide an analog voltage equivalent to the sense current to be read by an A/D port.
These two pins have an internal clamp as protection. This feature is available for Channels
2 and 3.
Digital output
Channels 2 and 3 can be configured as a logic level output with the level reflecting if the
current is above or below the selected internal current threshold. See Table 33 for MCR and
CCR bit settings for this mode. The output voltage has a reversed polarity to the satellite
current such that when the current drawn by the satellite is below the current detection
threshold, the IFx/Vx signal level transitions into a high state, on the other hand if the current
drawn by the satellite exceeds the current detection threshold, IFx/Vx signal transitions into
a low state.
Channel 2 and 3 mode selection
These channels can be configured to decode satellite messages or Hall Effect sensors and
provide results through the SPI and/or the IFx/Vx pins. The following Table 33 shows the
settings for the MCR and CCR based on the interfacing to a sensor or satellite.
Table 33. MCR and CCR settings based on the interfacing to a sensor or satellite
Register settings
Functions active
Information available
MCR
D7/D6
Bits
MCR
D5/D4
Bits
CCR
D5:D4
Bits
Channel
(ICHx)
Decoder
SPI
DATA register
IFx/Vx pin
0
0
00
OFF (ICHx HiZ)
OFF
Empty
OFF (HiZ)
0
1
00
OFF (ICHx HiZ)
OFF
Empty
OFF (HiZ)
1
0
00
OFF (ICHx HiZ)
OFF
Empty
ON (1)
1
1
00
OFF (ICHx HiZ)
OFF
Empty
VDD
0
0
01
ON
OFF
Empty
OFF (HiZ)
0
1
01
ON
OFF
Data will reflect if ICHx current
is above/below threshold setting
(1)
D0 = 0 (above thres.)
D0 = 1 (below thres.)
OFF (HiZ)
1
0
01
ON
OFF
Empty
Analog Output
(I_Sat/100)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com