Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9662 Datasheet(PDF) 9 Page - STMicroelectronics

Part # L9662
Description  Octal squib driver and quad Manchester/PSI5 encoded sensor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9662 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L9662 Datasheet HTML 5Page - STMicroelectronics L9662 Datasheet HTML 6Page - STMicroelectronics L9662 Datasheet HTML 7Page - STMicroelectronics L9662 Datasheet HTML 8Page - STMicroelectronics L9662 Datasheet HTML 9Page - STMicroelectronics L9662 Datasheet HTML 10Page - STMicroelectronics L9662 Datasheet HTML 11Page - STMicroelectronics L9662 Datasheet HTML 12Page - STMicroelectronics L9662 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 80 page
background image
DocID028325 Rev 1
9/80
L9662
Block diagram and pin description
79
34
VSDIAG
Supply for Deployment Driver Diagnostics
Input
-
35
NC
No Connect
-
-
36
IF3/V3
Current Feedback for channel 3 Raw Or Raw Data
output For Channel 3
Output
Hi-Z
37
IF2/V2
Current Feedback for channel 2 Raw Or Data output
For Channel 2
Output
Hi-Z
38
GND
Ground (Analog & Digital)
-
-
39
ICH3
Current Sense Output for Channel 3
Output
Hi-Z
40
ICH2
Current Sense Output for Channel 2
Output
Hi-Z
41
ICH1
Current Sense Output for Channel 1
Output
Hi-Z
42
ICH0
Current Sense Output for Channel 0
Output
Hi-Z
43
VSYNC
Supply for Satellite Sync Pulse
Input
-
44
VSATS
Supply Voltage for Satellite Interface
Input
-
45
GND
Ground (Analog & Digital)
-
-
46
IREF
External Current Reference Resistor
Output
-
47
AGND
Ground Reference for AOUT
-
-
48
AOUT
Analog Output for Loop Diagnostics
Output
Hi-Z
49
GND3
Power Ground for Loop Channel 3
-
-
50
SQL3
Low Side Driver Output for Channel 3
Output
Pulldown
51
SQH3
High Side Driver Output for Channel 3
Output
Hi-Z
52
VRES3
Reserve Voltage for Loop Channel 3
Input
-
53
VRES2
Reserve Voltage for Loop Channel 2
Input
-
54
SQH2
High Side Driver Output for Channel 2
Output
Hi-Z
55
SQL2
Low Side Driver Output for Channel 2
Output
Pulldown
56
GND2
Power Ground for Loop Channel 2
-
-
57
GND1
Power Ground for Loop Channel 1
-
-
58
SQL1
Low Side Driver Output for Channel 1
Output
Pulldown
59
SQH1
High Side Driver Output for Channel 1
Output
Hi-Z
60
VRES1
Reserve Voltage for Loop Channel 1
Input
-
61
VRES0
Reserve Voltage for Loop Channel 0
Input
-
62
SQH0
High Side Driver Output for Channel 0
Output
Hi-Z
63
SQL0
Low Side Driver Output for Channel 0
Output
Pulldown
64
GND0
Power Ground for Loop Channel 0
-
-
Table 2. Pin description (continued)
Pin Number
Pin name
Description
I/O type
Reset state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com