Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9662 Datasheet(PDF) 36 Page - STMicroelectronics

Part # L9662
Description  Octal squib driver and quad Manchester/PSI5 encoded sensor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9662 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button L9662 Datasheet HTML 32Page - STMicroelectronics L9662 Datasheet HTML 33Page - STMicroelectronics L9662 Datasheet HTML 34Page - STMicroelectronics L9662 Datasheet HTML 35Page - STMicroelectronics L9662 Datasheet HTML 36Page - STMicroelectronics L9662 Datasheet HTML 37Page - STMicroelectronics L9662 Datasheet HTML 38Page - STMicroelectronics L9662 Datasheet HTML 39Page - STMicroelectronics L9662 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 80 page
background image
Functional description
L9662
36/80
DocID028325 Rev 1
during normal short to battery/ground diagnostics, then that particular channel has a short to
another squib loop in the system.
The following table indicates how faults would be interpreted.
Once the command is issued the state of the comparators shall be captured on the next
falling edge of CS_D. The results are valid after TSHORTDIAG time, which is mainly
dependent on the external capacitors on the squib lines.
Squib resistance measurement
During a resistance measurement, both ISRC and ISINK are switched on and connected to
the selected SQHx and SQLx channel. A differential voltage is created between the SQHx
and SQLx pin based in the ISRC current and resistance between the pins. The analog
output pin, AOUT, will provide the resistance-measurement voltage based on the scaling
factor indicated in the electrical parameters section. The tri-state output, AOUT, will be
connected to an ADC input of a microprocessor. When not running squib resistance
diagnostics the AOUT pin will be high impedance.
To increase accuracy of the squib resistance measurements the offset of the internal
amplifier can be provided on the AOUT pin. This is done by setting the appropriate
calibration bit, waiting the required time, and reading the converted AOUT voltage
connected to the microprocessor ADC. In test mode, Aout pin can be used as digital/analog
output for testing deployment and diagnostics comparators and thresholds. Test mode is
reserved for supplier use only.
The normal measurement method for squib resistance is to take a single ended analog
output measurement for a channel (VAOUT with AMC bit=0) and use the tolerances and
equation shown in the parametric table. The device is also capable of improving the
tolerance at resistances below 3.5 Ohms by removing the offset of the differential
comparator. This method involves taking the single ended analog output results for a
channel (VAOUT with AMC bit=0) and subtracting the internal comparator offset
measurement of VAOUT_CAL (VAOUT with AMC bit=1). The summary of the equation for this
is as follows:
AOUT_CAL = (VAOUT – VAOUT_CAL)/VDD
AOUT_CAL typical = 0.08 x RSQUIB
Table 12. How faults shall be interpreted
Fault condition for
channel(1)
1. Condition where 2 open channels have the SQHx pins shorted will not be detected. If one squib is open
and the other has a normal squib connection then the fault will be indicated on the channel that is open.
Assumes both pins are tested
Channel leakage diagnostics
results with IPD ON
Channel leakage
diagnostics results with IPD
OFF
No Shorts
No Fault
No Fault
Short to battery
STB Fault
STB Fault
Loop to loop short
STG Fault
No Fault
Short to ground
STG Fault
STG Fault



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com