Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9662 Datasheet(PDF) 31 Page - STMicroelectronics

Part # L9662
Description  Octal squib driver and quad Manchester/PSI5 encoded sensor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9662 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L9662 Datasheet HTML 27Page - STMicroelectronics L9662 Datasheet HTML 28Page - STMicroelectronics L9662 Datasheet HTML 29Page - STMicroelectronics L9662 Datasheet HTML 30Page - STMicroelectronics L9662 Datasheet HTML 31Page - STMicroelectronics L9662 Datasheet HTML 32Page - STMicroelectronics L9662 Datasheet HTML 33Page - STMicroelectronics L9662 Datasheet HTML 34Page - STMicroelectronics L9662 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 80 page
background image
DocID028325 Rev 1
31/80
L9662
Functional description
79
The ASIC shall be protected against inadvertent turn on of the firing drivers unless the
appropriate conditions are present. Non-typical conditions shall not cause driver activation.
This includes the case where VRESx and/or VSDIAG pins are connected to a supply up to
40V and VDD is between 0V and VDD min. Under these conditions the device shall ensure
that driver activation will not occur. No flow of current shall be allowed through the SQHx
and SQLx pins.
Driver activation
The firing of a squib driver requires the appropriate FEN function to be active and two
separate sixteen bit writes to be made over the SPI1. The FEN function is defined as the
result of the FENx pin OR’d with the internal FENx latch. The FENx pin going high initiates
the FEN function. With the FEN 1 function being active and the appropriate Arm and Fire
commands sent then Squib_1 & 2 drivers would be activated. With the FEN 2 function being
active and the appropriate Arm and Fire commands sent then Squib_3 & 4 drivers would be
activated.
With the FEN 3 function being active and the appropriate Arm and Fire commands sent then
Squib_5 & 6 drivers would be activated. With the FEN 4 function being active and the
appropriate Arm and Fire commands sent then Squib_7 & 8 drivers would be activated.
The first write is to ARM the drivers in preparation of receiving the fire command. The Arm
command will stop on all channels any diagnostics that are active. Any combination of
squibs can be armed. The second write is to actually activate the desired driver pairs. If
there is a parity mismatch the data bits will be ignored and the squib drivers will not have
their status changed, and the two write sequence must then be started again. If there is a
mismatch in channels selected then only those channels selected in both the Arm and Fire
commands will be activated.
During the first write, when the drivers are armed, all diagnostic functions are cleared. The
FIRE command must follow the ARM command along with the FEN function active in order
for driver activation. If a command is between the ARM and FIRE command then the
sequence must be restarted. An error response shall be received for the Fire command if
the ARM/FIRE sequence is not followed.
The ARM/FIRE commands and FEN function are independent from each other. The device
shall begin the tDEPLOY timer once a valid ARM/FIRE sequence has been received. If a valid
ARM/FIRE command has been sent and the FEN function is inactive then the drivers will
not be activated but the tDEPLOY timer shall start. If the FEN function becomes active before
tDEPLOY has expired then the drivers will become active for the full tDEPLOY time. If the FEN
does not become active before tDEPLOY has expired then the sequence would need to be
restarted. A diagram illustrating this is shown in Figure 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com