Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9662 Datasheet(PDF) 13 Page - STMicroelectronics

Part # L9662
Description  Octal squib driver and quad Manchester/PSI5 encoded sensor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9662 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L9662 Datasheet HTML 9Page - STMicroelectronics L9662 Datasheet HTML 10Page - STMicroelectronics L9662 Datasheet HTML 11Page - STMicroelectronics L9662 Datasheet HTML 12Page - STMicroelectronics L9662 Datasheet HTML 13Page - STMicroelectronics L9662 Datasheet HTML 14Page - STMicroelectronics L9662 Datasheet HTML 15Page - STMicroelectronics L9662 Datasheet HTML 16Page - STMicroelectronics L9662 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 80 page
background image
DocID028325 Rev 1
13/80
L9662
Electrical specifications
79
IDD
Input current VDD
Resistance measurement
diagnostics running with no fault
condition present. Satellite channels
enabled with
I_ICHx=10mA and no sync pulse.
--
17
mA
Resistance measurement
diagnostics running with no fault
condition present. Satellite channels
enabled with
I_ICHx = 50 mA and no sync pulse.
--
17
Resistance measurement
diagnostics running with no fault
condition present. Satellite channels
enabled with
I_ICHx = 50 mA and sync pulse at high
voltage level.
--
17
Short to -0.3 V on SQHx. Satellite
channels disabled.
--
15
Short to -0.3 V on SQLx. Satellite
channels disabled.
--
15
Deployment. Satellite channels
disabled.
-
-
15
Short to GND on SQL; VRCM active
Satellite channels enabled with I_ICHx
= 50 mA and sync pulse at
high voltage level.
--
35
RIREF_H
Resistance threshold IREF
-
-
-
60.0
k
RIREF_L
-
2.0
-
k
VIH_RESETB
Input voltage threshold
RESETB
-
-
-
2.0
V
VIL_RESETB
-
0.8
-
V
VHYS_RST
-
100
-
300
mV
VIH_TEST
Input voltage threshold
TEST
Guaranteed by design
-
3.2
V
ITESTPD
Input pull-down current TEST -
1.0
-
2.5
mA
IAOUT_SHRT AOUT pin current limit
AOUT short to ground during squib
resistance diagnostics
-
-
20
mA
IRESETPU
Input pull-up current
RESETB
RESETB = VIH to GND
-10
-
-50
μA
IVSATS
Current consumption
VSATS
Satellite channels enabled
ICH0-3 = 0 A
--
5
mA
IVSYNC
VSYNC supply current
Satellite channels enabled
ICH0-3 = 0 A
--
5
mA
Table 6. General - DC electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com