Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9662 Datasheet(PDF) 63 Page - STMicroelectronics

Part # L9662
Description  Octal squib driver and quad Manchester/PSI5 encoded sensor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9662 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button L9662 Datasheet HTML 59Page - STMicroelectronics L9662 Datasheet HTML 60Page - STMicroelectronics L9662 Datasheet HTML 61Page - STMicroelectronics L9662 Datasheet HTML 62Page - STMicroelectronics L9662 Datasheet HTML 63Page - STMicroelectronics L9662 Datasheet HTML 64Page - STMicroelectronics L9662 Datasheet HTML 65Page - STMicroelectronics L9662 Datasheet HTML 66Page - STMicroelectronics L9662 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 80 page
background image
DocID028325 Rev 1
63/80
L9662
Functional description
79
DATA buffer/DATA transfer
The IC includes 4 internal DATA registers; one for each output channel, each one is 16 bits
and one deep.
Figure 19. Data buffer / data transfer diagram
Once the data is transferred to the SPI transfer buffer the satellite data register is cleared.
If there is no incoming satellite message before the next SPI data read a register empty flag
will be indicated assuming no other fault conditions exist.
Current sensor description
Each output channel senses the current drawn by the remote satellite sensor. The circuit
modulates the load current into logic voltage levels for post processing by a Manchester
decoder. Each channel has an internal comparator with a programmable currents trip points
selectable through the appropriate setting in the CCR Register for each of the 4 satellite
channels. For determining the appropriate current threshold setting the total current, idle
plus signal, must be taken into account. The current sense comparator also provides
hysteresis, which can be enabled through appropriate setting in the CCR Register. Each
comparator output have a de-glitch filter as a function of the protocol speed.
Satellite short conditions
Each channel has a short circuit protection by independent current limit. When a short to
ground occurs the output becomes current limited to 150 mA maximum when the voltage is
at idle and 280 mA maximum during the sync pulse for a total period of tFlt _GND. After time
tFlt _GND the output will shut off and a leakage to ground fault shall be reported in the SR
word. The output will remain off until re-enabled via SPI and if the short is not present then
the outputs shall return to normal operation. All channels that do not have a short condition
shall not be affected.
When the output is shorted to battery, an internal comparator senses the output voltage
level then turns off an internal series transistor to provide blocking diode for the current
going through the output channel. The output will be OFF only when fault condition is
present. As soon as the fault disappears, the interface will become ON again. A leakage to
battery fault will be set and reported in the SR word after it has been present for tFlt _BATT.
Once read it shall be cleared and if the condition is still present the flag will be set. The
comparators have 20 to 50 mV input offset to prevent turning off the output under an open
circuit condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com