Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9662 Datasheet(PDF) 48 Page - STMicroelectronics

Part # L9662
Description  Octal squib driver and quad Manchester/PSI5 encoded sensor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9662 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button L9662 Datasheet HTML 44Page - STMicroelectronics L9662 Datasheet HTML 45Page - STMicroelectronics L9662 Datasheet HTML 46Page - STMicroelectronics L9662 Datasheet HTML 47Page - STMicroelectronics L9662 Datasheet HTML 48Page - STMicroelectronics L9662 Datasheet HTML 49Page - STMicroelectronics L9662 Datasheet HTML 50Page - STMicroelectronics L9662 Datasheet HTML 51Page - STMicroelectronics L9662 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 80 page
background image
Functional description
L9662
48/80
DocID028325 Rev 1
STB/STG bit definition with MOSI D11:D9=011 (High side safing)
HSS1:HSS0 bits, see table below
STB/STG bit definition with MOSI D11:D9=010 (VRESx supply voltage)
VR1:VR0 bits, see table below
STB/STG bit definition with MOSI D11:D9=101 (High squib resistance)
HSR bit
Bit used for indicating leakage to ground.
0 = Squib Resistance below RSQHIZ
1 = Squib Resistance above RSQHIZ
Bits D6
Fault present prior to running LS FET or HS FET test (diagnostics
aborted)
0 = Normal
1 = Test not run - Fault present (FEN in incorrect state, short
to battery or ground)
Bits D5
Bit definition based on diagnostic selection.
FT bit Read Only - Used for LS FET or HS FET diagnostics
and is the status of the FET timer
0 = FET timer not active
1 = FET timer active
SQP bit: Squib Pin to be tested during short to
battery/ground diagnostics
0 = SQBLx pin test
1 = SQBHx pin test
Bits D4
Used to disable IPD on all channels
0 = IPD active as indicated;
– Active for all channels except the one under test when
running Short to Battery/Ground and short between loops
Diagnostics and LS/HS FET test
– Active for all channels when running Stop Diagnostic,
Table 24. Diagnostic mode HSS selection
Condition
HSS1
HSS0
(VSDIAG-VRESx) < VHSSSHORT_th
0
0
VHSSSHORT_th < (VSDIAG-VRESx) < VHSSOPEN_th
0
1
VHSSOPEN_th < (VSDIAG-VRESx)
1
1
Table 25. Diagnostic mode VRESx selection
Condition
VR1
VR0
VRESx < VVRESXLO_th
0
0
VVRESXLO_th < VRESx < VVRESXHI_th
0
1
VVRESXHI_th < VRESx
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com