Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9662 Datasheet(PDF) 72 Page - STMicroelectronics

Part # L9662
Description  Octal squib driver and quad Manchester/PSI5 encoded sensor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9662 Datasheet(HTML) 72 Page - STMicroelectronics

Back Button L9662 Datasheet HTML 68Page - STMicroelectronics L9662 Datasheet HTML 69Page - STMicroelectronics L9662 Datasheet HTML 70Page - STMicroelectronics L9662 Datasheet HTML 71Page - STMicroelectronics L9662 Datasheet HTML 72Page - STMicroelectronics L9662 Datasheet HTML 73Page - STMicroelectronics L9662 Datasheet HTML 74Page - STMicroelectronics L9662 Datasheet HTML 75Page - STMicroelectronics L9662 Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 80 page
background image
Functional description
L9662
72/80
DocID028325 Rev 1
0 = Checksum performed by ASIC
1 = Checksum calculation disabled
Bits [D10:D09].
These bits are used to configure the number of bits in the MS and PSI5
Modes.
MS Mode: For these bits to execute on any given channel, the channel
has to be configured for generic protocol B / protocol A through bits
<D13:D10> in the MCR register. If the checksum calculation is disabled
the ASIC does not perform a parity check on the incoming message and
will be included in the data field.
PSI5 Mode: For these bits to execute on any given channel, the
channel has to be configured for PSI5 - Parity protocol through bits
<D13:D10> in the MCR register. In PSI5 mode, the checksum
calculation is always done by the ASIC, thus, bit D11 is ignored and
parity bits are not included in the MISO response.
Bits [D7:D6].
These bits shall configure speed selection for any of the satellite
channels. Upon power up or reset the protocol configuration shall
initialize to the default speed as shown in the table below.
Table 41. Protocol A/B mode configuration
D10
D09
Protocol-A Mode
(Set in MCR – D13:D10)
Protocol -B Mode
(Set in MCR – D13:D10)
Message
Length
Data Report Length
Message
Length
Data Report Length
D11=0
D11=1
D11=0
D11=1
0
0
18 bits
13 bits
(default)
16 bits
16 bits
13 bits
(default)
14 bits)
0
1
16 bits
11 bits
14 bits
14 bits
11 bits
12 bits
1
0
15 bits
10 bits
13 bits
13 bits
10 bits
11 bits
1
1
13 bits
8 bits
11 bits
11 bits
8 bits
9 bits
Table 42. PSI5 – parity protocol (Set in MCR D13:D10)
D10
D09
Message Length
Data Report
0
0
16 bits
13 bits (default)
0
1
14 bits
11 bits
1
0
13 bits
10 bits
1
1
11 bits
8 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com