Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9662 Datasheet(PDF) 75 Page - STMicroelectronics

Part # L9662
Description  Octal squib driver and quad Manchester/PSI5 encoded sensor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9662 Datasheet(HTML) 75 Page - STMicroelectronics

Back Button L9662 Datasheet HTML 71Page - STMicroelectronics L9662 Datasheet HTML 72Page - STMicroelectronics L9662 Datasheet HTML 73Page - STMicroelectronics L9662 Datasheet HTML 74Page - STMicroelectronics L9662 Datasheet HTML 75Page - STMicroelectronics L9662 Datasheet HTML 76Page - STMicroelectronics L9662 Datasheet HTML 77Page - STMicroelectronics L9662 Datasheet HTML 78Page - STMicroelectronics L9662 Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 80 page
background image
DocID028325 Rev 1
75/80
L9662
Functional description
79
Codes are prioritized with the highest being 1 and the lowest being 7.
Error code 011 is an “or-ed”combination of the following errors:
Start bit error outside of selected operating range
Data length error or stop bit error
CRC/Parity Error of received Satellite Message
Bit time error outside 75% 125% of start bit
If in Hall Effect mode the status register under normal conditions will report a Register
Empty (CHxSF2:CHxSF0='010'). If a fault is on the channel then either a Leakage to supply
and no good data (CHxSF2:CHxSF0='101') or Leakage to ground (CHxSF2:CHxSF0='110')
would be present.
If in Raw data mode the status resister under normal conditions will report Register Empty
(CHxSF2:CHxSF0='010').
If decoder is on then satellite data will be present (See Table 40 under protocol A or
Protocol B)
If decoder is off then D0 will contain data
If a fault is on the channel then either a Leakage to supply and no good data (CHxSF2:
CHxSF0='101') or Leakage to ground (CHxSF2:CHxSF0='110') would be present.
Bit [D00]
POR status
0 = Reset occurred. Bit cleared when read
1 = Normal
5
0
1
0
Register empty. No data received from satellite
4
0
1
1
Not valid data received i.e.
– Start bit time outside valid range
– Frame length
– Bit time error
– CRC/Parity error on sat received message (in this
case there should be “register empty”)
3
1
0
0
Leakage to Supply Voltage at ICHx port and Not Good
Data (data lost or register empty or not valid data)
2
1
0
1
Leakage to Supply at ICHx port & Good Data
1
1
1
0
Leakage to ground at ICHx port; (Over current
detected switched OFF ICHx analog port, it can be still
OFF if micro never wrote on CCR.D5:D4 to switch ON
port)
CCR D14=1
NA
1
1
1
CCR report is present on word ‘x’: Channel status is
the response selected with bit D14 on CCR command
Table 46. CCR D14 definition (continued)
Priority
CHxSF2
CHxSF1
CHxSF0
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com