Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9662 Datasheet(PDF) 42 Page - STMicroelectronics

Part # L9662
Description  Octal squib driver and quad Manchester/PSI5 encoded sensor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9662 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button L9662 Datasheet HTML 38Page - STMicroelectronics L9662 Datasheet HTML 39Page - STMicroelectronics L9662 Datasheet HTML 40Page - STMicroelectronics L9662 Datasheet HTML 41Page - STMicroelectronics L9662 Datasheet HTML 42Page - STMicroelectronics L9662 Datasheet HTML 43Page - STMicroelectronics L9662 Datasheet HTML 44Page - STMicroelectronics L9662 Datasheet HTML 45Page - STMicroelectronics L9662 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 80 page
background image
Functional description
L9662
42/80
DocID028325 Rev 1
sequences are received, bit D0 is set to ‘1.’ Otherwise, bit D0 is set to
‘0.’ When ASIC receives valid soft reset sequences, it will send a MISO
register mode response containing 0x2003 in the next SPI
transmission.
Configuration mode 2
Configuration mode 2 main function is as follows:
Set the latch time for FENx input
The SPI message definition for MOSI commands and MISO responses in this mode are
defined below.
Bits [D9:D8]
Bits are used to set the period of the FEN latch timer. The device has
4 independent timers. A valid FENx input will start the pulse stretch
timer. These bits will set the timer duration. These values default to
‘00’ after a POR event.
Deployment commands
The deployment mode is used to activate the drivers. Two consecutive commands are
required to activate the drivers. Any combination of channels can be fired as long as the
prerequisite conditions are met as indicated in the previous section.
MSB
LSB
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
MOSI Command for Configuration Mode 2
0
0
P
R/W
0
1
Latch bits
0
0
0
0
0
0
0
0
MISO Response for Configuration Mode 2
0
0
P
R/W
0
1
Latch bits
0
0
0
0
0
0
0
0
Table 18. Configuration mode 2
Bit
MOSI command
MISO response
State
Description
D15
0
Mode bits
See above
D14
0
See above
D13
Odd Parity – Includes all 16 bits
Odd Parity – Includes all 16 bits
D12
0
Read (default) - When D12=’0’ bits D11
to D0 are ignored
R/W bit
1
Write – FEN latch programming
D11
0
D10
1
D9
00 = 0ms
01 = 128ms
10 = 256ms
11 = 512ms
FEN latch time
Internal Stored Value FEN latch
bits
D8
D7 – D0
0
See above



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com