Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9662 Datasheet(PDF) 59 Page - STMicroelectronics

Part # L9662
Description  Octal squib driver and quad Manchester/PSI5 encoded sensor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9662 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button L9662 Datasheet HTML 55Page - STMicroelectronics L9662 Datasheet HTML 56Page - STMicroelectronics L9662 Datasheet HTML 57Page - STMicroelectronics L9662 Datasheet HTML 58Page - STMicroelectronics L9662 Datasheet HTML 59Page - STMicroelectronics L9662 Datasheet HTML 60Page - STMicroelectronics L9662 Datasheet HTML 61Page - STMicroelectronics L9662 Datasheet HTML 62Page - STMicroelectronics L9662 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 80 page
background image
DocID028325 Rev 1
59/80
L9662
Functional description
79
The device is capable of different bit rates, which can be programmed via SPI2 based on
the operating frequency of the satellite bus. For the first message and all subsequent
messages the ASIC uses the Start Bits’ time to decode the rest of the bits in the message. In
case the measured bit rate obtained using the 2 Start bits doesn’t fall within the range
selected by the SPI as defined the device declares a bit time error and waits for idle. The
idle time between messages is 1.5 times the measured start bits time of the previous
message unless a message error is detected. If an error is detected then the device shall
default to 1.5 times the maximum frequency (minimum bit time). The initial idle time (after a
POR or reset) is 0 bit times.
The decoder uses a counter to track the high to low and low to high transitions at the bit
center. Figure 15 is an example that illustrates how the ASIC performs the decoding.
A transition is considered a bit center only when an edge is detected 75% to 125% of the
reference bit time after de-glitch filter. The de-glitch filter can modify bit time if the noise on is
not symmetric on each transition. When a single edge occurs below 75% of the reference bit
time it is considered to be a bit edge but it is ignored. When the decoder detects a second
edge below 75% of the reference bit time the device declares a bit time error via SPI, revert
to the minimum bit time of the selected range, and wait for idle. When a valid bit center is
detected the counter will reset and start counting again until another edge is detected. If the
message is not complete and no edge is detected in the range of 75% to 125% of measured
bit time, the device declares a bit time error via SPI, revert to the minimum bit time of the
selected range, and wait for idle. The idle time is defined as 150% of the minimum bit time of
the selected protocol speed range. If there is no bit transition detected for that period of time
and the correct number of bits was received, the message is considered complete. Bit time
error and too many bits faults are stored directly into the data register once they are
selected without the need to wait till an idle time. Since a bit time error is reported directly
once it is detected before Idle time, too few bits error may never be reported since bit time
error is detected first.
Bit time errors and too many bits errors will cause the decoder to revert to the minimum bit
time of the selected range, and discard the message. In case of a message containing
multiple errors only one error code is reported per message, errors detected in the decoding
phase have the following reporting priority; bit time errors, too many bits errors then
communication errors (CRC/Parity).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com