Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9662 Datasheet(PDF) 55 Page - STMicroelectronics

Part # L9662
Description  Octal squib driver and quad Manchester/PSI5 encoded sensor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9662 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button L9662 Datasheet HTML 51Page - STMicroelectronics L9662 Datasheet HTML 52Page - STMicroelectronics L9662 Datasheet HTML 53Page - STMicroelectronics L9662 Datasheet HTML 54Page - STMicroelectronics L9662 Datasheet HTML 55Page - STMicroelectronics L9662 Datasheet HTML 56Page - STMicroelectronics L9662 Datasheet HTML 57Page - STMicroelectronics L9662 Datasheet HTML 58Page - STMicroelectronics L9662 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 80 page
background image
DocID028325 Rev 1
55/80
L9662
Functional description
79
3.4.6
Satellite sensor interface
The device provides four currents limited to I_Lim each through outputs ICH1, ICH2, ICH3
and ICH4. The voltage at these four channels is supplied by the VSATS input. Channels 1,
2, 3 and 4 serve as switched power sources to remote mounted satellite sensors. The
device will monitor the current flow from its output pin and “demodulate” the current to be
decoded using Manchester protocol. Decoded satellite message is communicated to an
external microprocessor via SPI2. Both the satellite and squib circuits can be reset over
when sending the appropriate configuration commands via SPI1 (16 bit SPI).
For operation using a sync pulse a capacitor between 10 nF to 47 nF is required to be within
70 nH of the respective ASIC pin for signal stability.
In case of loss of VCC all outputs will remain off.
Satellite operation modes
Each receiver channel provides different modes of operation that can be programmed by
SPI command.
Receive mode (asynchronous data transfer)
In Receive Mode the sensor interface operates in asynchronous mode. The specified data
messages from each channel will be continuously received every tasync. (Design Information
only).
The Sensor Interface supplies satellites and receives current modulated data. In this mode,
the channels are supplied via pin VSATS. A voltage
 VICHxmin+Vhdp_max(I=75mA@105°C) at
this input pin is required to provide the regulated voltage of VICHxmin at the satellite outputs
[ICH0]...[ICH3].
Table 32. MOSI monitor mode 3 bit definition
Bit
MOSI command
MISO response
State
Description
D15
1
Mode Bits
See above for state
D14
1
See above for state
D13
Odd Parity – Includes all 16 bits
Odd Parity – Includes all 16 bits
D12
0
See above for state
D11
1
Mode selection
See above for state
D10
1
Mode selection
See above for state
D9-D6
‘0001’ shall be device L9662
D5:D0
0
Revision Information:
Upper 3 bits will reflect full pass
Lower 3 bits will reflect metal/minor change
First pass device will be indicated as “001
000”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com