Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9662 Datasheet(PDF) 51 Page - STMicroelectronics

Part # L9662
Description  Octal squib driver and quad Manchester/PSI5 encoded sensor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9662 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button L9662 Datasheet HTML 47Page - STMicroelectronics L9662 Datasheet HTML 48Page - STMicroelectronics L9662 Datasheet HTML 49Page - STMicroelectronics L9662 Datasheet HTML 50Page - STMicroelectronics L9662 Datasheet HTML 51Page - STMicroelectronics L9662 Datasheet HTML 52Page - STMicroelectronics L9662 Datasheet HTML 53Page - STMicroelectronics L9662 Datasheet HTML 54Page - STMicroelectronics L9662 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 80 page
background image
DocID028325 Rev 1
51/80
L9662
Functional description
79
Depending on the state of FEN the DEPLOY_STATUSx flag could be ‘1’ for a minimum of 1x
tDEPLOY and a maximum of up to 2 x tDEPLOY (see Figure 8). The Deployment status is
captured on the falling edge of CS_D.
Bit D8 is used to select the meaning of bit D7 through bit D0 in the status response
message. When this bit is set to ‘1,’ bits D7 through D0 in the status response message will
report the state of the DEPLOY_STATUSx flag.
When this bit is ‘0,’ bit D7 through bit D0 in the status response message will report the
DEPLOY_SUCCESSx flag. The following table 16 shows the conditions for the
DEPLOY_STATUSx flag and the DEPLOY_SUCCESSx flag.
Once the Deploy Success Flag is set, it will inhibit the subsequent deployment command
until a SPI command to clear this deployment success flag is received. Bits D7 through bit
D0 are used to clear/keep the deploy success flag. When these bits are set to ‘1,’ the flag
can be cleared. Otherwise, the state of these flags is not affected. The Success flag must
be cleared to allow re-activation of the drivers
Monitor mode 2
Monitor mode main information:
Current limit measurement of channels
The SPI message definition for MOSI commands and MISO responses in Monitor Mode 2
are defined below.
Table 28. DEPLOY_STATUSx flag and the DEPLOY_SUCCESSx flag conditions
DEPLOY_STATUSx flag
DEPLOY_SUCCESSx flag
Description
0
0
No Deployment in process or has been
initiated since POR or since last Clear of
Success flag
0
1
Deployment has successfully completed
1
0
Deployment in process
1
1
Deployment terminated / LSD shutdown
MSB
LSB
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
MOSI Command for Monitor Mode 2
1
1
P
CLR
0
1
Current
Measurement
Channel Select
0
0
0
0
0
0
0
MISO Response for Monitor Mode 2
1
1
P
0
0
1
Current
Measurement
Channel
Current Measurement Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com