Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9662 Datasheet(PDF) 47 Page - STMicroelectronics

Part # L9662
Description  Octal squib driver and quad Manchester/PSI5 encoded sensor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9662 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button L9662 Datasheet HTML 43Page - STMicroelectronics L9662 Datasheet HTML 44Page - STMicroelectronics L9662 Datasheet HTML 45Page - STMicroelectronics L9662 Datasheet HTML 46Page - STMicroelectronics L9662 Datasheet HTML 47Page - STMicroelectronics L9662 Datasheet HTML 48Page - STMicroelectronics L9662 Datasheet HTML 49Page - STMicroelectronics L9662 Datasheet HTML 50Page - STMicroelectronics L9662 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 80 page
background image
DocID028325 Rev 1
47/80
L9662
Functional description
79
STB/STG bit Definition with MOSI D11:D9=001 (Leakage Test)
STB bit Bit used for indicating leakage to battery.
0 = No leakage to battery
1 = Short to battery / HS Driver test pass
STG bit Bit used for indicating leakage to ground.
0 = No leakage to battery
1 = Short to ground / LS Driver test pass
STB/STG bit Definition with MOSI D11:D9=110 (LS FET)
STB, STG bits see table below
STB/STG bit definition with MOSI D11:D9=111 (HS FET)
STB, STG bits see table below
0
0
1
0
Table 21. Diagnostic selection
Diagnostic
Bits
Current
source active
Comparator or
amplifier
D11
D10
D9
Stop Diagnostic
0
0
0
NO
NO
Short to Battery/Ground
0
0
1
Y (VMRC)
Y (Comp
ISTB/ISTG)
VRESx Diagnostic
0
1
0
N
Y (Comp VRESx)
High Side Safing Diagnostics
0
1
1
Y (IHSS)
Y (Comp HSS)
Squib Resistance Diagnostics
1
0
0
Y (ISRC/ISINK)
Y (Ampli)
High Squib Resistance
Diagnostics
1
0
1
Y (VMRC)
Y (Comp IHR)
LS FET test
1
1
0
Y (VMRC)
Y (Comp
ISTB/ISTG)
HS FET test
1
1
1
Y (VMRC)
Y (Comp
ISTB/ISTG)
Table 22. Diagnostic mode LS FET selection
Condition
STB
STG
Test in Process (FT=1); Fault (FP=1); or LS
FET/GNDx open fault (FP=0,FT=0)
0
0
Short to battery occurred during test
1
0
Test Pass if leakage diagnostics did not indicate a short to GND
0
1
Table 23. Diagnostic mode HS FET selection
Condition
STB
STG
Test in Process (FT=1); Fault (FP=1); or HS FET/VRESx open fault (FP=0,FT=0)
Test Pass if leakage diagnostics did not indicate a short to battery
Short to ground occurred during test
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com