Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9662 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L9662
Description  Octal squib driver and quad Manchester/PSI5 encoded sensor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9662 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L9662 Datasheet HTML 8Page - STMicroelectronics L9662 Datasheet HTML 9Page - STMicroelectronics L9662 Datasheet HTML 10Page - STMicroelectronics L9662 Datasheet HTML 11Page - STMicroelectronics L9662 Datasheet HTML 12Page - STMicroelectronics L9662 Datasheet HTML 13Page - STMicroelectronics L9662 Datasheet HTML 14Page - STMicroelectronics L9662 Datasheet HTML 15Page - STMicroelectronics L9662 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 80 page
background image
Electrical specifications
L9662
12/80
DocID028325 Rev 1
2.3
Operating ratings
2.4
Electrical characteristics
2.4.1
General
4.9 V ≤ VDD  5.1 V; 7 V ≤ VRESX ≤ 37 V; 7 V ≤ VSDIAG ≤ 37 V; (VSATS + 6.5 V) ≤ VSYNC ≤
25 V; 5 V ≤ VSATS ≤ 14 V; FEN1 = FEN2 = FEN3 = FEN4 = VDD; R_REF = 10 kΩ, ±1%,
100 PPM; -40 °C ≤ TA ≤ +95 °C; unless other specified.
Table 5. Operating ratings
Symbol
Parameter
Value
Unit
VDD
Supply voltage
4.9 to 5.1
V
VSDIAG
Supply voltage for squib diagnostics
7 to 37
V
VSATS
Satellite supply voltage
7 to 14
V
VSYNC
Sync supply voltage (1))
Continuous
(VSATS + 6) to 25
V
pulse ≤500 ms
(VSATS + 6) to 40
VRESx
VRES voltage (VRES0, VRES1, VRES2, VRES3, VRES4,
VRES5, VRES6, VRES7)
7 to 37
V
VI
Discrete input voltage (RESETB, DEPEN, CS_D, CS_S,
SCLK, SCLK_S, MOSI, MOSI_S, MISO, MISO_S, FEN1,
FEN2, FEN3, FEN4, INITSYNC, IREF)
- 0.3 to (VDD +0.3)
V
Tamb
Ambient temperature
-40 to 95
°C
RTh j-amb
Thermal resistance junction-to-ambient
46
°C/W
1. For PSI5 the maximum operating voltage is 16.5V as called out in the PSI5 technical specification (V 1.2 /14.06.07).
Depending on the sync supply voltage the sync pulse can be as high as 8 V above idle. To ensure the maximum operating
voltage of 16.5 V is not exceeded then the VSATS voltage should be limited to 8.5 V.
Table 6. General - DC electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Osc
Internal oscillator
frequency
Tested with 10K, 1%, 100ppm Iref
resistor
4.75
-
5.25
MHz
VRST1
Internal voltage reset VDD
after de-glitch time (tpor)
See Figure 6
VDD level for device to report reset
condition -deployment drivers are
disabled
Guaranteed by design
4.0
-
4.5
V
VRST2
Internal voltage reset VDD
with no de-glitch time See
2.1
-
3.0
tPOR
POR De-glitch timer
Timer for VRST1
5
-
25
μs
IDD
Input current VDD
No squib diagnostics. No deployment.
Satellite channels disabled.
--
15
mA
Resistance measurement
diagnostics with no fault condition
present. Satellite channels disabled.
--
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com