Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9662 Datasheet(PDF) 38 Page - STMicroelectronics

Part # L9662
Description  Octal squib driver and quad Manchester/PSI5 encoded sensor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9662 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button L9662 Datasheet HTML 34Page - STMicroelectronics L9662 Datasheet HTML 35Page - STMicroelectronics L9662 Datasheet HTML 36Page - STMicroelectronics L9662 Datasheet HTML 37Page - STMicroelectronics L9662 Datasheet HTML 38Page - STMicroelectronics L9662 Datasheet HTML 39Page - STMicroelectronics L9662 Datasheet HTML 40Page - STMicroelectronics L9662 Datasheet HTML 41Page - STMicroelectronics L9662 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 80 page
background image
Functional description
L9662
38/80
DocID028325 Rev 1
High side safing diagnostics
When the command is received the ASIC will activate IHSS on the selected VRESx. The
diagnostics will measure the difference between VSDIAG and VRESx. The internal
comparator will detect open, short or normal condition based on the differential voltage
between VSDIAG and VRESx.
The results shall be reported in the next SPI message using bits HSS1 and HSS0 as
indicated in the following table. Once the command is issued the voltages shall be captured
on the next falling edge of CS_D.
Voltage measurement diagnostics (VRESx)
When the command is received the ASIC will activate a comparator for the selected
channel. A 2 bit indication of the state of the VRESx pins shall be reported as indicated
below. The results shall be reported in the next SPI message. Once the command is issued
the voltages shall be captured on the next falling edge of CS_D.
Loss of ground
When any of the power grounds (GND0 – 7) are lost, no deployment can occur on the
respective deployment channels because the low side driver will be inactive. The high side
driver for the respective channel can still be activated.
A loss of ground condition on one or several channels will not affect the operation of the
remaining channels. When a loss of ground condition occurs, the source of the low side
MOS will be floating. In this case, no current will flow through the low side driver.
This condition will be detected as a fault by a low side MOS diagnostic. No additional faults
will be reported from any other diagnostic due to this condition.
Table 13. High side safing diagnostics
Condition
Diagnostic Mode HSS Selection
HSS1
HSS0
(VSDIAG-VRESx) < VHSSSHORT_th
0
0
VHSSSHORT_th < (VSDIAG-VRESx) < VHSSOPEN_th
0
1
VHSSOPEN_th < (VSDIAG-VRESx)
1
1
Table 14. Voltage measurement diagnostics
Condition
Diagnostic mode 3
VRESx selection
VR1
VR0
VRESx < VVRESXLO_th
0
0
VVRESXLO_th < VRESx < VVRESXHI_th
0
1
VVRESXHI_th < VRESx
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com