Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9662 Datasheet(PDF) 69 Page - STMicroelectronics

Part # L9662
Description  Octal squib driver and quad Manchester/PSI5 encoded sensor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9662 Datasheet(HTML) 69 Page - STMicroelectronics

Back Button L9662 Datasheet HTML 65Page - STMicroelectronics L9662 Datasheet HTML 66Page - STMicroelectronics L9662 Datasheet HTML 67Page - STMicroelectronics L9662 Datasheet HTML 68Page - STMicroelectronics L9662 Datasheet HTML 69Page - STMicroelectronics L9662 Datasheet HTML 70Page - STMicroelectronics L9662 Datasheet HTML 71Page - STMicroelectronics L9662 Datasheet HTML 72Page - STMicroelectronics L9662 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 80 page
background image
DocID028325 Rev 1
69/80
L9662
Functional description
79
Bit [D3]
Satellite Communication Protocol Selection
0 = MS Protocol
1 = PSI5 Protocol
Bit [D2].
Receiver disable time selection
0 = Receiver disable time is 62
s typical
1 = Receiver disable time is (Tsynchighx time + 20
s)
Channel configuration registers (CCR1, CCR2, CCR3, CCR4)
The SPI message definition for MOSI commands and MISO responses for the CCR/Data
are defined below.
Command/
Mode from
Master
MOSI Bit Definition
D15 D14 D13 D12 D11 D10 D09
D08
D07 D06 D05 D04 D03 D02 D01 D00
MOSI Command
CCR
odd
RS R/W MAN CRC PC1 PC0
SYNC BT1 BT0 EN1 EN0 IHYS
I_Threshold
MISO Response (CCR)
CCR
(D14=1 in
MOSI)
odd
1
R/W MAN CRC PC1 PC0
SYNC BT1 BT0 EN1 EN0
IHY
S
I_Threshold
MISO Response (Data)
CCR
(D14=1 in
MOSI)
See Table 40 for MISO Responses
Table 39. MOSI CCR bit definition
Bit
State
MS Mode
PSI5 Mode (1)
MS / PSI5 Mode
MS / PSI5 Mode
MOSI Command
MOSI Command
MISO Response for
CCR Mode
MISO Response
for Data Mode
Description
D15
Odd Parity – Includes all 16
bits
Same as MS Mode
Odd Parity – Includes
all 16 bits
See Table 40
D14
0
1
Register Selection:
CCR (1) / DATA (0)
Same as MS Mode
1= CCR response
D13
0
Read
Same as MS Mode
R/W
1
WRITE (only valid if CCR
request)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com