Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9662 Datasheet(PDF) 73 Page - STMicroelectronics

Part # L9662
Description  Octal squib driver and quad Manchester/PSI5 encoded sensor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9662 Datasheet(HTML) 73 Page - STMicroelectronics

Back Button L9662 Datasheet HTML 69Page - STMicroelectronics L9662 Datasheet HTML 70Page - STMicroelectronics L9662 Datasheet HTML 71Page - STMicroelectronics L9662 Datasheet HTML 72Page - STMicroelectronics L9662 Datasheet HTML 73Page - STMicroelectronics L9662 Datasheet HTML 74Page - STMicroelectronics L9662 Datasheet HTML 75Page - STMicroelectronics L9662 Datasheet HTML 76Page - STMicroelectronics L9662 Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 80 page
background image
DocID028325 Rev 1
73/80
L9662
Functional description
79
Bits [D5:D4].
These bits are used to enable the satellite channels and the internal
decoders to be commanded on or off according to the following table.
If both the satellite and decoder are to be enabled then the channel
needs to be enabled first and in a following command the decoder
would be enabled. This is to prevent erroneous/spurious data to be
read.
Bit D3
All incoming satellite signals are processed through deglitch filter before
reaching the decoder. D3 enables a hysteresis around the current
threshold for added noise immunity.
Bits [D2:D0]
These bits program the threshold for the current demodulation affecting
each individual channel. The current ranges supported are showed in
table below.
Table 43. Default speed
D7
D6
Guaranteed frequency operating range
(kHz)
0
0
62.66 to 238.66 (default)
0
1
43.50 to 158.97
1
0
26.32 to 106.04
1
1
13.3 to 51.25
Table 44. On/off condition for satellite and decoder
D5
D4
Definition
SPI DATA Register (For appropriate wordx)
Satellite
Decoder
ICH0/ICH1
ICH2/ICH3
0
0
OFF (default)
OFF (default)
Empty
See Table 33
0
1
ON
OFF
Data will reflect if ICHx
current is above/below
threshold setting (1)
D0 = 0 (above thres.)
D0 = 1 (below thres.)
1
0
ON
ON
Sat. Data
1
1
ON
OFF
Empty
Table 45. Current range supported
D2
D1
D0
Current Threshold (mA)
min/max
0
0
0
1.0/4.0(default)
0
0
1
8.0/11.0
0
1
0
14.85/18.15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com