Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9662 Datasheet(PDF) 16 Page - STMicroelectronics

Part # L9662
Description  Octal squib driver and quad Manchester/PSI5 encoded sensor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9662 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L9662 Datasheet HTML 12Page - STMicroelectronics L9662 Datasheet HTML 13Page - STMicroelectronics L9662 Datasheet HTML 14Page - STMicroelectronics L9662 Datasheet HTML 15Page - STMicroelectronics L9662 Datasheet HTML 16Page - STMicroelectronics L9662 Datasheet HTML 17Page - STMicroelectronics L9662 Datasheet HTML 18Page - STMicroelectronics L9662 Datasheet HTML 19Page - STMicroelectronics L9662 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 80 page
background image
Electrical specifications
L9662
16/80
DocID028325 Rev 1
VVRESXHI_th
High voltage threshold for
VRESx pin
-
13.7
-
18.0
V
tDIAGTIMEOUT Diagnostic delay time
From/CS ↑ until transistor
test results are valid.
-
-
100
μs
MOS diagnostics
I_MOS
MOS test max current
Normal conditions
guaranteed by design
--
ISDIAG
mA
tSHUTOFF
LS/HS MOS turn off under
fault condition
Time is measured from the
valid LS/ HS MOS current >
100mA to the LS/HS turn off
--
4
μs
tFETtimeout
FET timeout
Normal conditions
-
-
100
μs
High Squib resistance diagnostics
RSQHIZ
High load resistance
threshold
-
1.07
-
2.1
k
IHR
High resistance current
threshold
-ISTG
mA
tDIAGTIMEOUT MOS diagnostic delay time
From/CS ↑ until Transistor
test results are valid, CSQHx=
0.12 μF CSQLx = 0.12 μF
-
-
300
μs
Squib resistance diagnostics
VOH
Output voltage AOUT
High saturation voltage;
IAOUT = -500 μA
--
VDD-
0.2V
V
VOL
Low Saturation Voltage;
IAOUT = +500 μA
-
-
0.2
V
IZ
Tri-State Current AOUT
AOUT = VDD
-
-
1
μA
AOUT = 0 V
-1
-
-
μA
RSQB RANGE Load Resistance Range
-
3.5
-
10.0
Ω
VAOUT
Resistance measurement
analog output tolerance
VAOUT =
0
  RSQB < 3.5 
VAOUT-
0.095V
-
VAOUT+
0.095V
V
3.5
  RSQB  10 
VAOUT·
0.95V
-
VAOUT·
1.05V
V
ISRC
Resistance measurement
current source
VDD = 5.0 V; VSDIAG = 7.0 V
to 37 V
38
-
42
mA
ISINK
Resistance measurement
current sink
-
45
-
57
mA
ISLEW
Rmeas current di/dt
30% - 70% of ISRC
2
-
11
mA-μs
Vcmpr
Voltage threshold on squib
pin to shutdown ISRC
-
2.65
-
3.25
V
Table 7. Squib deployment drivers and diagnostics - DC electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VDD
1
10
------
0.08
RSQB
---------------


+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com