Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9662 Datasheet(PDF) 58 Page - STMicroelectronics

Part # L9662
Description  Octal squib driver and quad Manchester/PSI5 encoded sensor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9662 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button L9662 Datasheet HTML 54Page - STMicroelectronics L9662 Datasheet HTML 55Page - STMicroelectronics L9662 Datasheet HTML 56Page - STMicroelectronics L9662 Datasheet HTML 57Page - STMicroelectronics L9662 Datasheet HTML 58Page - STMicroelectronics L9662 Datasheet HTML 59Page - STMicroelectronics L9662 Datasheet HTML 60Page - STMicroelectronics L9662 Datasheet HTML 61Page - STMicroelectronics L9662 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 80 page
background image
Functional description
L9662
58/80
DocID028325 Rev 1
High voltage mode
The High Voltage Mode is based on the SYNC Mode and will be used to communicate with
the external satellites via voltage modulation. When in this mode the valid sync time
selections would be tSYNC_high3 and tSYNC_high4.
During the High Voltage Mode it is necessary to disable the receiver of the sensor interface
until a complete data frame is sent. After sending a data frame the receiver must be enabled
again to receive the expected answer from the satellites. The microcontroller will control the
enabling and disabling of the receiver along with Sync pulse high time (tSYNC_highx) the
over SPI2 for each bit of the data frame.
Figure 13. High voltage mode communication
Satellite message decoding
The device is configurable for decoding of satellite messages based on either Manchester-1
or Manchester-2 decoding. Each of the four satellite channels has a Manchester decoder
that can be enabled or disabled through the CCR register.
For Manchester-1 decoding a logic 0 is defined as a signal transition from 1 to 0 at 50%
Duty cycle, logic 1 is defined as a signal transition from 0 to 1 at 50% Duty cycle. For
Manchester-2 decoding a logic 0 is defined as a signal transition from 0 to 1 at 50% Duty
cycle, logic 1 is defined as a signal transition from 1 to 0 at 50% Duty cycle. An example of
Manchester-1 and Manchester-2 decoding is given below.
Figure 14. Manchester-1/2 decoding diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com