Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9662 Datasheet(PDF) 19 Page - STMicroelectronics

Part # L9662
Description  Octal squib driver and quad Manchester/PSI5 encoded sensor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9662 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L9662 Datasheet HTML 15Page - STMicroelectronics L9662 Datasheet HTML 16Page - STMicroelectronics L9662 Datasheet HTML 17Page - STMicroelectronics L9662 Datasheet HTML 18Page - STMicroelectronics L9662 Datasheet HTML 19Page - STMicroelectronics L9662 Datasheet HTML 20Page - STMicroelectronics L9662 Datasheet HTML 21Page - STMicroelectronics L9662 Datasheet HTML 22Page - STMicroelectronics L9662 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 80 page
background image
DocID028325 Rev 1
19/80
L9662
Electrical specifications
79
Figure 2. MOS settling time and turn-on time 2
2.4.3
Electrical characteristics - Satellite interface
4.9 V ≤ VDD ≤ 5.1 V; 7 V  VRESX ≤ 37V; 7 V ≤ VSDIAG ≤ 37 V; (VSATS + 6.5V) ≤ VSYNC ≤ 25
V; 5 V ≤ VSATS ≤ 14 V; FEN1 = FEN2 = FEN3 = FEN4 = VDD; R_REF = 10 kΩ, ±1%, 100
PPM; -40 °C ≤ TA ≤ +95 °C; unless other specified.
Table 8. Satellite interface - DC electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
IICHx_IDLELim
Current limit per channel
during communication
voltage level
High side short to -0.3 V
-75
-
-150
mA
IICHx_HVLim
Current limit per channel
during sync voltage level
High side short to -0.3 V
-100
-
-280
mA
IVSATS_max
VSATS supply current
excluding ICHx current
All channels with High side
short to -0.3V
-
-
10
mA
IVSATSLIM1
VSATS supply current
with one channel in
current limit during Sync
Pulse
High side short to -0.3 V
-
-
-40
mA
IVSYNCLIM1
VSYNC supply current per
channel with channel in
current limit
High side short to -0.3 V
100
-
375
mA
IICHx_SB_OFF
Short to battery current
when driver is OFF.
ICHx short to battery
V(ICHX)-VSATS > 50 mV
50 mV is the maximum
threshold to switch OFF driver,
TYP is 30 mV
--
5
mA
IICHx_SB_ON
Max short to battery
current when driver is ON.
Guaranteed by design
-
-
25
mA
IICHxVSATS_LK
OFF
VSATS leakage current per
channel
VSATS =18 V
Vcc = VSYNC = 0 V
measured @ VSATS
-
-
-1
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com